Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHRPMICL1AD2V Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHRPMICL1AD2V
Description  Rad-hard integrated current limiter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPMICL1AD2V Datasheet(HTML) 4 Page - STMicroelectronics

  RHRPMICL1AD2V Datasheet HTML 1Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 2Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 3Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 4Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 5Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 6Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 7Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 8Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Pin
Name
Type
Description
11
TMS-
Analog input
Inverting input of the telemetry circuit. An accurate external resistor is
connected between ISNS- and this pin in order to guarantee the
requested accuracy on the output source current for the analog
telemetry.
12
TM
Analog output
Output source current for the analog telemetry. A resistor has to be
connected between this pin and the main bus ground.
13
COMP
Analog output
Output pin for current limitation loop compensation.
14
Vg
Analog output
MOSFET gate driver output.
15
ISNS-
Analog input
Inverting input of the op-amp current limitation loop. The pin is tied
directly to the hot (negative) end of the external current sense resistor.
Never leave this pin floating.
16
ISNS+
Analog input
Non-inverting input of the op-amp current limitation loop. The pin is tied
directly to the hot (positive) end of the external current sense resistor.
Never leave this pin floating.
17
VCC
Power supply
Supply input voltage.
18
HYS
Analog output
External setting of the UVLO hysteresis. A resistor has to be connected
between the main bus and this pin.
19
TC_ON
Digital input
Telecommand interface input for ON pulsed signal.
20
UVLO
Analog input
External setting of the UVLO turn-on threshold. The pin has to be tied
to the mid point of a resistor divider that senses the supply voltage vs.
main bus ground.
RHRPMICL1A
Pin configuration
DS12602 - Rev 3
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com