Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2L16080CF2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RF2L16080CF2
Description  80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16080CF2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RF2L16080CF2 Datasheet HTML 4Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 5Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 6Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 7Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 8Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 9Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 10Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 11Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Revision history
Table 9. Document revision history
Date
Version
Changes
04-May-2020
1
First release.
20-Apr-2021
2
Modified efficiency and marking values on cover page.
Modified Table 1. Absolute maximum ratings (TC = 25 °C), Table 2. Thermal
data, Table 3. ESD protection, Table 4. Static, Table 5. Dynamic,
Figure 1. Gain and efficiency vs output power (1625 - 1675 MHz),
Figure 2. Test circuit layout (1625 - 1675 MHz), Figure 3. Test circuit photo
(1625 - 1675 MHz) and Table 7. Components list.
Added Section 6 Marking information.
Minor text changes.
RF2L16080CF2
DS13222 - Rev 2
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com