Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A1P50S65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # A1P50S65M2
Description  ACEPACKTM 1 sixpack topology, 650 V, 50 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1P50S65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A1P50S65M2 Datasheet HTML 3Page - STMicroelectronics A1P50S65M2 Datasheet HTML 4Page - STMicroelectronics A1P50S65M2 Datasheet HTML 5Page - STMicroelectronics A1P50S65M2 Datasheet HTML 6Page - STMicroelectronics A1P50S65M2 Datasheet HTML 7Page - STMicroelectronics A1P50S65M2 Datasheet HTML 8Page - STMicroelectronics A1P50S65M2 Datasheet HTML 9Page - STMicroelectronics A1P50S65M2 Datasheet HTML 10Page - STMicroelectronics A1P50S65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 13. Diode reverse recovery energy vs gate
resistance
IGBT101020171406RRE
1.2
0.9
0.6
0.3
0
0
20
40
60
80
Erec
(mJ)
RG (Ω)
VCE = 300 V, VGE = ±15 V, IF = 50 A
TJ = 25 °C
TJ = 150 °C
Figure 14. Inverter diode thermal impedance
IGBT111020170844MT
100
10-1
10-3
10-2
10-1
100
Zth
(°C/W)
t (s)
Zth(typ.)JH
Zth(max.)JC
JC
i
1
2
3
4
ri (˚C/W)
0.1746
0.5169
0.2851
0.1197
τi(s)
0.0008 0.0074
0.0368
0.2601
JH
i
ri (˚C/W)
0.2091
0.5735
0.7511
0.3615
τi(s)
0.0010
0.0116
0.0729
0.3310
RC - Foster thermal network
RC - Foster thermal network
1
2
3
4
Figure 15. IGBT thermal impedance
IGBT111020170846MT
10 0
10 -1
10 -3
10 -2
10 -1
10 0
Zth
(°C/W)
t (s)
JC
i
1
2
3
4
ri (˚C/W)
0.0718
0.2858
0.2471
0.1130
τi(s)
0.0002
0.0072
0.0392
0.2850
JH
i
ri (˚C/W)
0.0808
0.3144
0.6701
0.3713
τi(s)
0.0003
0.0113
0.0752
0.3492
Zth(typ.)JH
Zth(max.)JC
RC - Foster thermal network
RC - Foster thermal network
1
2
3
4
A1P50S65M2
Electrical characteristics (curves)
DS12332 - Rev 3
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com