Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F6489P/080PR Datasheet(PDF) 26 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 26 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
SH79F6488/SH79F6489
26
7.3 Flash Program Memory
7.3.1 Features
 The program memory consists 64 X 1KB sectors, total 64KB
 Programming and erase can be done over the full operation voltage range
 Write, read and erase operation are all supported by In-Circuit Programming (ICP)
 Fast mass/sector erase and programming
 Minimum program/erase cycles: 100000
 Minimum years data retention: 10
 Low power consumption
EEPROM Like Data
Block (2K bytes)
0000H
0000H
Information Block
7FFH
0FFFFH
Program Rom
(64K)
Program Memory Block
BootRom Block
BootRom Block
0FC00H
The SH79F6488/SH79F6489 embeds 64K flash program memory for program code. The flash program memory provides
electrical erasure and programming and supports In-Circuit Programming (ICP) mode and Self-Sector Programming (SSP)
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com