Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F6489P/080PR Datasheet(PDF) 109 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 109 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 152 page
background image
SH79F6488/SH79F6489
109
8.7 Programmable Gain Amplifier (PGA)
8.7.1 Features
 Low noise programmable gain amplifier
 8-level Programmable gain range
 Chopper
The SH79F6488/SH79F6489 provides a low noise programmable gain amplifier. This PGA provides amplification setting of 1,
2, 4, 8, 16, 32, 64 and 128. A chopper is included, which can be used for eliminate PGA offset. Chopper work clock can select
1kHz, 2kHz, 3kHz, or 4kHz. Work clock of 1kHz is recommended.
PGA
+
-
ADC
module
+
-
CH-
CH+
GAIN [3:0]
V
REF
VIN+
VIN-
8.7.2 Registers
Table 8.31 PGA Mode Control Register
A3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PGAM
GAIN3
GAIN2
GAIN1
GAIN0
VINON
CHOP
CHOPC1
CHOPC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-4
GAIN[3:0]
PGA Gain select bits
0000: gain = 1
0001: gain = 2
0010: gain = 4
0110: gain = 8
1000: gain = 16
1001: gain = 32
1010: gain = 64
1110: gain = 128
others: gain = 1
3
VINON
VIN analog input enable bit
0: Disable analog input, analog input from AINx± or ANx
1: Enable analog input, analog input from VIN±, AINx± or ANx used as I/O
2
CHOP
Chopper Enable bit
0: Disable chopper function
1: Enable chopper function
1-0
CHOPC[1:0]
Chopper Work Clock Select bit
00: 1kHz
01: 2kHz
10: 3kHz
11: 4kHz
Work clock of 1kHz is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com