Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS1200PS Datasheet(PDF) 6 Page - STMicroelectronics

Part # AIS1200PS
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AIS1200PS Datasheet HTML 2Page - STMicroelectronics AIS1200PS Datasheet HTML 3Page - STMicroelectronics AIS1200PS Datasheet HTML 4Page - STMicroelectronics AIS1200PS Datasheet HTML 5Page - STMicroelectronics AIS1200PS Datasheet HTML 6Page - STMicroelectronics AIS1200PS Datasheet HTML 7Page - STMicroelectronics AIS1200PS Datasheet HTML 8Page - STMicroelectronics AIS1200PS Datasheet HTML 9Page - STMicroelectronics AIS1200PS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Block diagram and pin description
AIS1200PS
6/21
DocID024648 Rev 4
Table 2. Pin description
Pin#
Name
Function
1 - LV(1)
1. LV (low voltage) pin: 4.5 V max absolute rating.
VREG
Voltage regulator output. A ceramic capacitor of 1.0
F ± 40%
must be connected to this pin, which should not be used to power
up other devices.
2 - LV
CLK
SPI interface - connect to GND.
3 - LV
SDI
SPI interface - connect to GND.
4 - LV
SDO
SPI interface - driven to “0” by the device.
5 - LV
DR
Data Ready - driven to “0” by the device.
6 - LV
CS
SPI chip select, connect to GND.
7 - LV
AT1
Analog port 1 - driven to “0” by the device.
8 - LV
AT2
Analog port 2 - driven to “0” by the device.
9 - LV
SH
Connect to GND.
10 - LV
AT3
Analog port 3 - driven to “0” by the device.
11 - LV
AT4
Analog port 4 - driven to “0” by the device.
12 - LV
Reserved
Leave unconnected.
13 - LV
Reserved
Connect to GND.
14 - HV(2)
2. HV (high voltage) pin: 20 V max absolute rating.
RTN
Bus low side.
15 - HV
BUSIN
Bus high side.
16 - HV
HCAP
An autarky ceramic capacitor of 0.047
F ± 50% must be
connected to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com