Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS1200PS Datasheet(PDF) 7 Page - STMicroelectronics

Part # AIS1200PS
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AIS1200PS Datasheet HTML 3Page - STMicroelectronics AIS1200PS Datasheet HTML 4Page - STMicroelectronics AIS1200PS Datasheet HTML 5Page - STMicroelectronics AIS1200PS Datasheet HTML 6Page - STMicroelectronics AIS1200PS Datasheet HTML 7Page - STMicroelectronics AIS1200PS Datasheet HTML 8Page - STMicroelectronics AIS1200PS Datasheet HTML 9Page - STMicroelectronics AIS1200PS Datasheet HTML 10Page - STMicroelectronics AIS1200PS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID024648 Rev 4
7/21
AIS1200PS
Mechanical and electrical specifications
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
VDD  5 V to VDD  16 V, TL  -40 °C to TH  125 °C, unless otherwise noted.
2.2
Electrical characteristics
TA  -40°C to TH  125 °C, unless otherwise noted(a)
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FS
Full-scale range(2)
±200
g
So
Sensitivity
1.8
2
2.2
LSb/g
TCSo
Sensitivity change vs.
temperature
TA = 25°C
-5
5
%
TL  TA  TH
-10
10
Off
Zero-g level offset (1)
TA = 25°C
-26
0
26
LSb
TL  TA  TH
-54
0
54
NL
Non-linearity(2)
Best-fit straight line
-2
+2
% FS
Asym
Asymmetry(2)
-1.2
+1.2
%
CrAx
Cross axis(2)
-5
+5
%
F0
MEMS resonant frequency(2)
16.6
19.6
22.5
kHz
Top
Operating temperature range
-40
+125
°C
1. Zero-g level offset (10-bit representation) including aging and soldering effects.
2. Verified by characterization, not tested in production.
a. All voltage levels are referred to RTN
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vbus
Supply voltage at BUSIN
5
16
V
IQ
Quiescent current(1)
24
7
mA
Id
Drift of quiescent current
(time gradient)(3)
±1
mA/
min
RNG
Output range
±200 g
-400
400
LSb
RNGmax Output range before clamp
-480
480
LSb
OutFF
Output frequency flatness
5 g @ freq 20, 30, 40 Hz(2)
-10
+10
%
IS
Data sink current
IQ
IQ+IS
mA
T
t
-------
0.5 C
s
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com