Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP23ABS1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # MP23ABS1
Description  High-performance MEMS audio sensor: single-ended analog bottom-port microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23ABS1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MP23ABS1 Datasheet HTML 4Page - STMicroelectronics MP23ABS1 Datasheet HTML 5Page - STMicroelectronics MP23ABS1 Datasheet HTML 6Page - STMicroelectronics MP23ABS1 Datasheet HTML 7Page - STMicroelectronics MP23ABS1 Datasheet HTML 8Page - STMicroelectronics MP23ABS1 Datasheet HTML 9Page - STMicroelectronics MP23ABS1 Datasheet HTML 10Page - STMicroelectronics MP23ABS1 Datasheet HTML 11Page - STMicroelectronics MP23ABS1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Soldering information
MP23ABS1
8/15
DocID031167 Rev 6
5
Soldering information
Figure 4. Recommended soldering profile limits
Table 6. Recommended soldering profile limits
Description
Parameter
Pb free
Average ramp rate
TL to TP
3 °C/sec max
Preheat
Minimum temperature
Maximum temperature
Time (TSMIN to TSMAX)
TSMIN
TSMAX
tS
150 °C
200 °C
60 sec to 120 sec
Ramp-up rate
TSMAX to TL
Time maintained above liquidus temperature
Liquidus temperature
tL
TL
60 sec to 150 sec
217 °C
Peak temperature
TP
260 °C max
Time within 5 °C of actual peak temperature
20 sec to 40 sec
Ramp-down rate
6 °C/sec max
Time 25 °C (t = 25 °C) to peak temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com