Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP23ABS1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MP23ABS1
Description  High-performance MEMS audio sensor: single-ended analog bottom-port microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23ABS1 Datasheet(HTML) 4 Page - STMicroelectronics

  MP23ABS1 Datasheet HTML 1Page - STMicroelectronics MP23ABS1 Datasheet HTML 2Page - STMicroelectronics MP23ABS1 Datasheet HTML 3Page - STMicroelectronics MP23ABS1 Datasheet HTML 4Page - STMicroelectronics MP23ABS1 Datasheet HTML 5Page - STMicroelectronics MP23ABS1 Datasheet HTML 6Page - STMicroelectronics MP23ABS1 Datasheet HTML 7Page - STMicroelectronics MP23ABS1 Datasheet HTML 8Page - STMicroelectronics MP23ABS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Acoustic and electrical specifications
MP23ABS1
4/15
DocID031167 Rev 6
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 2.75 V, no load, Tamb = 25 °C
unless otherwise specified.
Table 3. Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vdd
Supply voltage
1.52
2.75
3.6
V
Idd
Current consumption
120
150
μA
So
Sensitivity
1 kHz @ 94 dBSPL
-39
-38
-37
dBV
SNR
Signal-to-noise ratio
64
dB(A)
PSRR Power Supply Rejection
100 mVpp sine wave,
1 kHz, Vdd > 1.6 V
60
dB
AOP
Acoustic Overload Point
130
dBSPL
Rload
Load resistance(1)
1. Guaranteed by design
15
k
Ω
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com