Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9908 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics L9908 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
Fault Flag
Source Diagnosis
Self-Check
Failure Reaction
Fault Description
VDH_UV=1
MBM
Yes
Configurable
Under-voltage at VDH pin
VDH_OV=1
MBM
Yes
Configurable
Over-voltage at VDH pin
VPRE_UV=1
VPRE Monitor
Yes
Auto-retry
Under-voltage at VPRE pin
VPRE_OV=1
VPRE Monitor
Yes
SAFE-OFF
Over-voltage at VPRE pin
VCP_UV=1
VCP Monitor
Yes
Flag only (NORMAL)
Under-voltage at CP2 output
VCP_OV=1
VCP Monitor
Yes
Flag only (NORMAL)
Over-voltage at CP2 output
VBP_UV=1
VBP Monitor
Yes
Configurable
Under-voltage at VBP pin
VBP_OV=1
VBP Monitor
Yes
Configurable
Over-voltage at VBP pin
WDT_DATA_fail=1
WDT
NA
SAFE-OFF
Watchdog reset failure
WDT_OVF_fail=1
WDT
NA
SAFE-OFF
Watchdog time-out failure
SPI_ERR=1
SPI CRC Check
NA
Ignore Frame
SPI CRC Check failure
SPI_ERR=1
SPI FC Check
NA
Ignore Frame
SPI FC Check failure
SPI_ERR=1
SPI Clock Counter
Check
NA
Ignore Frame
SPI Clock Counter Check failure
NVM_CRC_FAIL=1
NVM Data CRC
Check
NA
SAFE-OFF Load
default values
NVM Data CRC Check
CFG_CRC_FAIL=1
SRR Data CRC
Check
NA
SAFE-OFF
SRR Data CRC Check
BIST_STATUS=11
BIST
NA
SAFE-OFF
BIST Failure
5.6.1
FHC registers
The L9908 default FHM configuration can be modified by properly writing the FHC configuration registers through
the CONFIG mode. FHC are considered as SRR.
5.6.1.1
Fault Reaction Configuration (FRC)
For each one of the fault listed in Table 24 two configuration bits allow to define whether the corrective action shall
be automatically developed by the device itself or it can be waived.
Table 25. Fault Reaction Configuration bits
<FLT_REF>_REACT_CFG1 <FLT_REF>_REACT_CFG0
Description
0
0
Full SW Off – disable all HB drivers and CPs, device goes in
SAFE-OFF mode (Default)(1)
0
1
Reduced Operation Mode – disable failing HB only, device
remains in NORMAL mode(2)
1
0
Flag only – down-rate fault to simple warning, device remains in
NORMAL mode(3)
1
1
Flag only – down-rate fault to simple warning, device remains in
NORMAL mode(3)
1. Fault danger for the application is considered high, the corrective action shall be taken as soon as it is detected by the
device itself by disabling all half bridges and charge pumps.
2. Fault danger for the application is considered high, the corrective action shall be taken as soon as it is detected by the
device itself by disabling only the half bridge on which the fault is present still allowing a reduced performance operation.
3. Fault danger for the application is considered low, the fault can be ignored with no corrective action applied nor internal or
external.
The following table details the Fault Reaction Configurations available for the different Fault events.
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 33/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com