Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9960T-TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9960T-TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960T-TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9960T-TR Datasheet HTML 43Page - STMicroelectronics L9960T-TR Datasheet HTML 44Page - STMicroelectronics L9960T-TR Datasheet HTML 45Page - STMicroelectronics L9960T-TR Datasheet HTML 46Page - STMicroelectronics L9960T-TR Datasheet HTML 47Page - STMicroelectronics L9960T-TR Datasheet HTML 48Page - STMicroelectronics L9960T-TR Datasheet HTML 49Page - STMicroelectronics L9960T-TR Datasheet HTML 50Page - STMicroelectronics L9960T-TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
DS11115 Rev 10
47/95
L9960, L9960T
Functional description
94
Figure 20. Tdiag2 blanking time depends on the Vps voltage
During the active freewheeling phase, the current continues decreasing down to I_lim_L
threshold (with TlimL filter time implemented).
ILIM_REG diagnosis bit is set to "0" as soon as current goes below I_lim_L+hyst.
After current is below I_lim_L threshold during at least TlimL and t_off_min is elapsed,
L9960 exits CURRENT_LIMITATION (still with NOSR active).
The programmed VSR and ISR are set back if I < I_LIM_L and PWM='0'.
When IN1-IN2 mode, VSR and ISR are set back if I < I_LIM_L and IN1 (or IN2)='0',
depending on the toggling pin.
Figure 21. Slew rate switching strategy
VPS
Vps_norm
Vps_norm_hyst
Tdiag2
increase
Tdiag2
min
Tdiag2
increase
GAPGPS02338
GAPGPS02339
t
(end of blanking OR PWM falling edge)
t_off_min tempo is started at each HS switch-OFF while in NOSR mode
ILIM_REG
BLANKING
SLEW RATE
SSR/FSR
ILS
0
PWM
CURRENT_LIM
I_lim_L
I_lim_H
t_off_min
(toff_min)
Ignored
Tdiag2
(SV OC diag)
continued
Tdiag2
t_off_min
NOSR
limitation
we leave current
t_off_min,
AND after
Once (I < I_lim_L)
applied
mode) and toff_minisnot
(otherwise we remain in NOSR
we go back to normal SR
AND i_pwm = ‘0’,
When (I < I_lim_L)
NOSR: Increase Slew Rate
FSR: Fast Slew Rate
SSR: Slow Slew Rate
SSR/FSR
- PWM control remains active during blanking (user can switch-off)
falling edge in FSR, the ILIM_REG SPI bit is not set (MOS is switched-OFF by user).
device, user looses control). This information is latched in ILIM_REG SPI bit. When toff_min is started due to PWM
- Current limitation state is reached when I > I_lim_H at the end of blanking (MOS is switched-OFF by the
Note:
and go to NOSR
mode
we start blanking
Once I > I_lim_H,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com