Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9960T-TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9960T-TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960T-TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9960T-TR Datasheet HTML 24Page - STMicroelectronics L9960T-TR Datasheet HTML 25Page - STMicroelectronics L9960T-TR Datasheet HTML 26Page - STMicroelectronics L9960T-TR Datasheet HTML 27Page - STMicroelectronics L9960T-TR Datasheet HTML 28Page - STMicroelectronics L9960T-TR Datasheet HTML 29Page - STMicroelectronics L9960T-TR Datasheet HTML 30Page - STMicroelectronics L9960T-TR Datasheet HTML 31Page - STMicroelectronics L9960T-TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
Functional description
L9960, L9960T
28/95
DS11115 Rev 10
executed by application SW by HWSC/LBIST Trigger bit. If passed the H-bridge switches
to Normal Mode after the first PWM transition.
At point 4 is shown the case, in which a SW reset is enabled by µC, with no impact on
internal POR signal.
Figure 11. POR timing diagram
The SW reset configuration comes into a 2-bit register
Note:
(-) available in positions D10/D9 of the SPI command frame 2.
The SW reset lasts 2-clock periods.
The device goes back to RESET state immediately in case of POR condition on VDD5 or in
case of SW reset.
This reset is asynchronous, with a synchronous release.
After a POR condition on VDD5 or a SW reset, the register bit called “POR” is set to “1”; it is
cleared by read back via SPI.
Once cleared, this bit indicates a further Power On Reset.
Note:
(-) available in the R11 bit position in SPI answer frame 7e.
Table 24. SW reset [1:0]
Bit status
Description
Condition
01
SW reset command
-
All except 01 no action
-
GAPGPS02317
NDIS
driven by
L9960
SW reset
enable by
SW
L9960
STATE
Tri-state
BIST + HWSC : 4.5ms
Reset state (~300us)
time
POR
BIST
trigger by
SW
LBIST+
HWSC
Normal state
Reset state
Tri-state
LBIST+
HWSC
Normal state
300us before the
release of the POR
PWM
DI
Vdd < Vdd_por threshold
1
2
3
4
Table 25. POR status
Bit status
Description
Condition
0
After SPI reading (not submitted to DIAG_CLR_EN)
-
1
after Power On Reset
Default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com