Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8090EXGA Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 19Page - STMicroelectronics STA8090EXGA Datasheet HTML 20Page - STMicroelectronics STA8090EXGA Datasheet HTML 21Page - STMicroelectronics STA8090EXGA Datasheet HTML 22Page - STMicroelectronics STA8090EXGA Datasheet HTML 23Page - STMicroelectronics STA8090EXGA Datasheet HTML 24Page - STMicroelectronics STA8090EXGA Datasheet HTML 25Page - STMicroelectronics STA8090EXGA Datasheet HTML 26Page - STMicroelectronics STA8090EXGA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DS11733 Rev 3
23/42
STA8090EXGA
General description
41
SQI Flash interface
STA8090EXGA includes a high-performance interface to Serial Quad Interface (SQI) NOR
Flash chips, to support a low-cost simple implementation.
3.4
APB peripherals
3.4.1
CAN
The 2 CAN cores perform communication according to the CAN protocol version 2.0 part A
and B. The bit rate can be programmed to values up to 1 MBit/s. For the connection to the
physical layer, additional transceiver hardware is required.
CAN consists of the CAN core, message RAM, message handler, control registers and
module. For communication on a CAN network, individual message objects are configured.
The message objects and identifier masks for acceptance filtering of received messages are
stored in the message RAM. All functions concerning the handling of messages are
implemented in the message handler. These functions include acceptance filtering, the
transfer of messages between the CAN core and the message RAM, and the handling of
transmission requests as well as the generation of the module interrupt.
The register set of the CAN can be accessed directly by the CPU through the module
interface. These registers are used to control/configure the CAN core and the message
handler and to access the message RAM.
CAN features
Supports CAN protocol version 2.0 part A and B
32 messages objects
Each message object has its own identifier mask
Maskable interrupt
Disabled automatic re-transmission mode for time triggered CAN applications
Programmable loop-back mode for self-test operation
Two 16-bit module interfaces to the AMBA APB bus from ARM
3.4.2
EFT
The Extended Function Timer (EFT) consists of a 16-bit counter driven by a programmable
prescaler.
It may be used for a variety of purposes, including pulse length measurement of up to two
input signals (input capture), generation of up to two output waveforms (output compare)
and one PWM generation. Pulse lengths and waveform periods can be modulated from a
very wide range using the timer prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com