Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA75610SLV Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA75610SLV
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610SLV Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA75610SLV Datasheet HTML 14Page - STMicroelectronics TDA75610SLV Datasheet HTML 15Page - STMicroelectronics TDA75610SLV Datasheet HTML 16Page - STMicroelectronics TDA75610SLV Datasheet HTML 17Page - STMicroelectronics TDA75610SLV Datasheet HTML 18Page - STMicroelectronics TDA75610SLV Datasheet HTML 19Page - STMicroelectronics TDA75610SLV Datasheet HTML 20Page - STMicroelectronics TDA75610SLV Datasheet HTML 21Page - STMicroelectronics TDA75610SLV Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Diagnostics functional description
TDA75610SLV
18/42
DocID025599 Rev 6
4
Diagnostics functional description
4.1
Turn-on diagnostic
It is recommended to activate this function at the turn-on (standby out) through an I2C bus
request. Detectable output faults are:
SHORT TO GND
SHORT TO VS
SHORT ACROSS THE SPEAKER
OPEN SPEAKER
To verify if any of the above misconnections are in place, a subsonic (inaudible) current
pulse (Figure 23) is internally generated, sent through the speaker(s) and sunk back.The
Turn On diagnostic status is internally stored until a successive diagnostic pulse is
requested (after a I2C reading).
If the "standby out" and "diag. enable" commands are both given through a single
programming step, the pulse takes place first (during the pulse the power stage stays 'off',
showing high impedance at the outputs).
Afterwards, when the amplifier is biased, the PERMANENT diagnostic takes place. The
previous turn-on state is kept until a short appears at the outputs.
Figure 23. Turn-on diagnostic: working principle
Figure 24 and 25 show SVR and OUTPUT waveforms at the turn-on (standby out) with and
without turn-on diagnostic.
Figure 24. SVR and output behavior (Case 1: without turn-on diagnostic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com