Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA75610SLV Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA75610SLV
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610SLV Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA75610SLV Datasheet HTML 21Page - STMicroelectronics TDA75610SLV Datasheet HTML 22Page - STMicroelectronics TDA75610SLV Datasheet HTML 23Page - STMicroelectronics TDA75610SLV Datasheet HTML 24Page - STMicroelectronics TDA75610SLV Datasheet HTML 25Page - STMicroelectronics TDA75610SLV Datasheet HTML 26Page - STMicroelectronics TDA75610SLV Datasheet HTML 27Page - STMicroelectronics TDA75610SLV Datasheet HTML 28Page - STMicroelectronics TDA75610SLV Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DocID025599 Rev 6
25/42
TDA75610SLV
Battery transitions management
41
7
Battery transitions management
7.1
Low voltage operation (“start stop”)
The most recent OEM specifications require automatic stop of car engine at traffic light, in
order to reduce emissions of polluting substances. The TDA75610SLV, thanks to its
innovating design, allows to go on playing sound when battery falls down to 6/7V during
such conditions, without producing pop noise. The maximum system power will be reduced
accordingly.
Supported battery cranking curves are shown below, indicating the shape and duration of
allowed battery transitions.
Figure 34. Worst case battery cranking curve sample 1
V1 = 12 V; V2 = 6 V; V3 = 7 V; V4 = 8 V
t1 = 2 ms; t2 = 50 ms; t3 = 5 ms; t4 = 300 ms; t5 =10 ms; t6 = 1 s; t7 = 2 ms
Figure 35. Worst case battery cranking curve sample 2
V1 = 12 V; V2 = 6 V; V3 = 7 V
t1 = 2 ms; t2 = 5 ms; t3 = 15 ms; t5 = 1 s; t6 = 50 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com