Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7577BLVH Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7577BLVH
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7577BLVH Datasheet HTML 25Page - STMicroelectronics TDA7577BLVH Datasheet HTML 26Page - STMicroelectronics TDA7577BLVH Datasheet HTML 27Page - STMicroelectronics TDA7577BLVH Datasheet HTML 28Page - STMicroelectronics TDA7577BLVH Datasheet HTML 29Page - STMicroelectronics TDA7577BLVH Datasheet HTML 30Page - STMicroelectronics TDA7577BLVH Datasheet HTML 31Page - STMicroelectronics TDA7577BLVH Datasheet HTML 32Page - STMicroelectronics TDA7577BLVH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
DocID025375 Rev 5
29/43
TDA7577BLV
I2C bus interface
42
Figure 38. Timing diagram on the I2C bus
Figure 39. Timing acknowledge clock pulse
9.5
I2C programming/reading sequences
A correct turn on/off sequence with respect to the diagnostic timings and producing no
audible noises could be as follows (after battery connection):
–
TURN-ON: (STANDBY OUT + DIAG ENABLE) --- 1 s (min) --- MUTING OUT
–
TURN-OFF: MUTING IN - wait for 50 ms - HW ST-BY IN (ST-BY pin ≤ 1.2 V)
Car Radio Installation: DIAG ENABLE (write) --- 200 ms --- I2C read (repeat until All faults
disappear).
–
OFFSET TEST: Device in Play (no signal) --
–
OFFSET ENABLE - 30 ms - I2C reading
(repeat I2C reading until high-offset message disappears).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com