Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7577BLVH Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7577BLVH
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVH Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7577BLVH Datasheet HTML 35Page - STMicroelectronics TDA7577BLVH Datasheet HTML 36Page - STMicroelectronics TDA7577BLVH Datasheet HTML 37Page - STMicroelectronics TDA7577BLVH Datasheet HTML 38Page - STMicroelectronics TDA7577BLVH Datasheet HTML 39Page - STMicroelectronics TDA7577BLVH Datasheet HTML 40Page - STMicroelectronics TDA7577BLVH Datasheet HTML 41Page - STMicroelectronics TDA7577BLVH Datasheet HTML 42Page - STMicroelectronics TDA7577BLVH Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
DocID025375 Rev 5
41/43
TDA7577BLV
Package information
42
H(1)
28.85
29.23
29.40
1.1358
1.1508
1.1575
H1
-
17.00
-
-
0.6693
-
H2
-
12.80
-
-
0.5039
-
H3
-
0.80
-
-
0.0315
-
L(1)
15.50
15.70
15.90
0.6102
0.6181
0.6260
L1
7.70
7.85
7.95
0.3031
0.3091
0.3130
L2
14.00
14.20
14.40
0.5512
0.5591
0.5669
L3
11.80
12.00
12.20
0.4646
0.4724
0.4803
L4
1.30
1.48
1.66
0.0512
0.0583
0.0654
L5
2.42
2.50
2.58
0.0953
0.0984
0.1016
L6
0.42
0.50
0.58
0.0165
0.0197
0.0228
M
-
1.50
-
-
0.0591
-
N
-
2.20
-
-
0.0866
-
N1
1.30
1.48
1.66
0.0512
0.0583
0.0654
N2(2)
2.73(2)
2.83
2.93
0.1075
0.1114
0.1154
P(2)
4.73
4.83
4.93
0.1862
0.1902
0.1941
R
-
1.70
-
-
0.0669
-
R1
-
0.30
-
-
0.0118
-
R2
0.35
0.40
0.45
0.0138
0.0157
0.0177
R3
0.35
0.40
0.45
0.0138
0.0157
0.0177
R4
-
0.50
-
-
0.0197
-
T(2)
-0.08
-
0.10
-0.0031
-
0.0039
aaa(2)
-
0.1
-
-
0.0039
-
V
-
45°
-
-
45°
-
1. Dimension “F” doesn’t include dam-bar protrusion.
Dimensions "H” and “L" include mold flash or protrusions.
2.
Golden parameters.
Table 14. Flexiwatt 27 (SMD) package mechanical data (continued)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com