Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-48X Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7803A-48X
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-48X Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7803A-48X Datasheet HTML 17Page - STMicroelectronics TDA7803A-48X Datasheet HTML 18Page - STMicroelectronics TDA7803A-48X Datasheet HTML 19Page - STMicroelectronics TDA7803A-48X Datasheet HTML 20Page - STMicroelectronics TDA7803A-48X Datasheet HTML 21Page - STMicroelectronics TDA7803A-48X Datasheet HTML 22Page - STMicroelectronics TDA7803A-48X Datasheet HTML 23Page - STMicroelectronics TDA7803A-48X Datasheet HTML 24Page - STMicroelectronics TDA7803A-48X Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
DS12195 Rev 7
21/72
TDA7803A
Electrical specification
71
Figure 25. Total power dissipation & efficiency
vs. Po (2 Ω, SBI, Sine)
Figure 26. Power dissipation vs. average Po
(audio program simulation, 4 Ω)
10
20
30
40
50
60
70
80
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
Ptot (W)
Po (W)
Vs = 14.4 V
f = 1 KHz SINE
RL = 2
x 4 CH
SBI mode
Ptot
0
10
20
30
40
50
60
0123
456
Ptot (W)
avg Po (W)
Vs = 14.4 V
RL = 4 x 4
Stereo Pink Noise
STD
SBI
CLIP START
GADG3105161533PS
Figure 27. Power dissipation vs. average Po
(audio program simulation, 2 Ω)
Figure 28. ITU R-ARM frequency response,
weighting filter for transient pop
0
10
20
30
40
50
60
70
80
90
100
012345678
Ptot (W)
avg Po (W)
Vs = 14.4 V
RL = 4 x 2
Stereo Pink Noise
STD
SBI
CLIP START
GADG3105161550PS
Output attenuation (dB)
-50
-40
-30
-20
-10
0
10
20
30
40
10
100
1000
10000
100000
Hz
GAPGPS00153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com