Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-48X Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7803A-48X
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-48X Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7803A-48X Datasheet HTML 28Page - STMicroelectronics TDA7803A-48X Datasheet HTML 29Page - STMicroelectronics TDA7803A-48X Datasheet HTML 30Page - STMicroelectronics TDA7803A-48X Datasheet HTML 31Page - STMicroelectronics TDA7803A-48X Datasheet HTML 32Page - STMicroelectronics TDA7803A-48X Datasheet HTML 33Page - STMicroelectronics TDA7803A-48X Datasheet HTML 34Page - STMicroelectronics TDA7803A-48X Datasheet HTML 35Page - STMicroelectronics TDA7803A-48X Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Functional description
TDA7803A
32/72
DS12195 Rev 7
6.6
Double faults
Faults can occur simultaneously. When this happens, faults are read out in accordance with
the priority table (Table 7).
Please note that a "short to GND" and a "short to VS" can be simultaneously read only when
an open load is present; however it would mean three faults at the same time, which is not
covered by TDA7803A.
6.7
Thermal protection
The TDA7803A has four thermal warning thresholds (Tw1, Tw2, Tw3, Tw4) which are stored
in I2C data bytes. Only one of the thermal warnings can be sent to the pin CDdiag and it is
selectable via I2C bus.
A temperature dependent mute function is implemented in order to protect the junction
against over temperature events and prevent the IC from sound quality degradation. For
temperatures higher than Tpl, the device is gradually forced to the mute state. When the
temperature is Tpl the output signal is attenuated by 0.5 dB, while at the Tph the attenuation
is >60 dB. The distortion is kept low throughout the whole muting transition. The thermal
protection's behaviour is shown in Figure 37.
Table 7. Double faults priority
-
Soft short to
GND(1)
1. Open load, soft short to GND and soft short to Vs are only available for the turn-on diagnostic;
in fact the permanent diagnostic can be triggered from an over current event, and none of
these events can be the cause of an over current.
Soft short to
Vs(1)
Short to
GND
Short to
Vs
Short across
load
Open
load(1)
Soft short to
GND
Soft Short to
GND
/
Short to
GND
/
Soft Short to
GND
Soft Short
to GND
Soft short to
Vs
/
Soft Short to
Vs
/
Short to
Vs
Soft Short to Vs
Soft Short
to Vs
Short to GND Short to GND
/
Short to
GND
/
Short to GND
Short to
GND
Short to Vs
/
Short to Vs
/
Short to
Vs
Short to Vs
Short to
Vs
Short across
load
/
/
/
/
Short across load
N.A.
Open load
//
/
/
/
Open
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com