Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTG2-SLP Datasheet(PDF) 2 Page - STMicroelectronics

Part # FTG2-SLP
Description  Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FTG2-SLP Datasheet(HTML) 2 Page - STMicroelectronics

  FTG2-SLP Datasheet HTML 1Page - STMicroelectronics FTG2-SLP Datasheet HTML 2Page - STMicroelectronics FTG2-SLP Datasheet HTML 3Page - STMicroelectronics FTG2-SLP Datasheet HTML 4Page - STMicroelectronics FTG2-SLP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Touch panels
Works with thin flexible flat or curved panels with touch embedded into high resolution displays
Works with LTPO display panels
Power supply scheme
Dual supply operation 3.3 V and 1.8 V
Serial interface
I2C compatible slave mode (100Kbps, 400Kbps, 1Mbps)
3-wire and 4-wire Mode 0 SPI interface 12MHz (typ.)
3.3V tolerant interface for I2C and SPI
I/Os: RESETB, INTB hardware pins to host interface, 4 Digital inputs and 2 GPIOs with full
programmability
All digital pins are fail safe
ESD & TLP
High ESD on RX and TX pins (±8KV HBM) and >±3KV HBM on all other pins
High ESD on RX and TX pins (±1KV CDM) and ±500V CDM on all other pins
>4A TLP on all pins
EMI
Low EMI <-70dBm average
Flicker avoidance techniques
Application
Smartphones
Phablets
Foldable phones
Description
The FingerTip FTG2-SLP provides an optimal mix of low power, small size, low external part counts and versatile
features with unmatched true multi-touch performance in a single-chip touchscreen controller for thin flexible
embedded display-touch panels.
The FingerTip FTG2-SLP uses a dedicated differential architecture with capacitance to current acquisition engine
to implement the touch sensing. Coupled with the internal processor the Fingertip touchscreen controller can
detect, classify and track 10 fingers touch with fast report rate and response times with a configurable channel
matrix consisting of total 21 TX and 40 RX channels.
The touch acquisition analog front end has a wide dynamic range able to cope with panels of different size
and configuration. This offers great flexibility to use FingerTip with new technology of embedded display-touch
panels that are thinner and flexible. The FingerTip FTG2-SLP provides support for flat or curved displays through
proprietary differential and node compensation hardware coupled with differential data processing techniques in
firmware.
The FingerTip FTG2-SLP low-noise differential capacitive analog front-end provides enhanced noise suppression
capabilities for various noise sources such as high resolution display, 3-phase noise and severe common mode
noise introduced by battery chargers.
The FingerTip FTG2-SLP uses hardware and firmware ST proprietary techniques to reduce power in active and
idle modes.
The FingerTip FTG2-SLP device incorporates multiple TX driving methods that can further boost the SNR and
report rate.
The FingerTip FTG2-SLP supports advanced features thanks to the multi-mode sensing technology. The water
rejection algorithm can detect water on the top of the screen and the device can still track one finger moving in the
water without false touch or line breaking. The device supports multi finger glove operation and 2.5mm passive
stylus. The device supports 20mm stable capacitive proximity.
FTG2-SLP
DB4705 - Rev 1
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com