Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTG2-SLP Datasheet(PDF) 3 Page - STMicroelectronics

Part # FTG2-SLP
Description  Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FTG2-SLP Datasheet(HTML) 3 Page - STMicroelectronics

  FTG2-SLP Datasheet HTML 1Page - STMicroelectronics FTG2-SLP Datasheet HTML 2Page - STMicroelectronics FTG2-SLP Datasheet HTML 3Page - STMicroelectronics FTG2-SLP Datasheet HTML 4Page - STMicroelectronics FTG2-SLP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The device also incorporates hardware SYNC on GPI3 pin which enables the touch sampling to be synchronized
with the display SYNC signal. This enables it to work even with Quad High Definition displays. The device can
also work in Non-SYNC condition.
The main processor implements a powerful 32-bit ARM M4 core with 192KB Flash that is able to provide a high
level of overall touch performance in terms of noise rejection, response time and power consumption. It is running
concurrently to the analog front end and gives ample scope for implementation of complex sensing touch tracking
algorithm, advanced shape based filtering and event reporting. The 192KB flash size provides enough free space
in the Flash for further customization even after implementation of ST firmware for all the features.
The device supports I2C serial interface and SPI slave interface for more flexibility.
FTG2-SLP
DB4705 - Rev 1
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com