Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS47L63 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 54Page - Cirrus Logic CS47L63 Datasheet HTML 55Page - Cirrus Logic CS47L63 Datasheet HTML 56Page - Cirrus Logic CS47L63 Datasheet HTML 57Page - Cirrus Logic CS47L63 Datasheet HTML 58Page - Cirrus Logic CS47L63 Datasheet HTML 59Page - Cirrus Logic CS47L63 Datasheet HTML 60Page - Cirrus Logic CS47L63 Datasheet HTML 61Page - Cirrus Logic CS47L63 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 300 page
background image
58
DS1085F3
CS47L35
4.3 Digital Core
The CS47L35 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the
commanded DRC and digital mixing functions. If the frequency is too low, an attempt to enable a DRC signal path fails.
Note that active signal paths are not affected under such circumstances.
The FX_STS field in register R3585 indicates the status of each of the EQ, DRC, and LHPF signal paths. If an
underclocked error condition occurs, this field indicates which EQ, DRC, or LHPF signal paths have been enabled.
The status bits in registers R1600–R2936 indicate the status of each of the digital mixers. If an underclocked error
condition occurs, these bits indicate which mixers have been enabled.
R3722 (0x0E8A)
DRC2_ctrl3
15:12 DRC2_NG_
MINGAIN[3:0]
0000 DRC2 Minimum gain to attenuate audio signals when the Noise Gate is active.
0000 = –36 dB
0001 = –30 dB
0010 = –24 dB
0011 = –18 dB
0100 = –12 dB
0101 = –6 dB
0110 = 0 dB
0111 = 6 dB
1000 = 12 dB
1001 = 18 dB
1010 = 24 dB
1011 = 30 dB
1100 = 36 dB
1101 to 1111 = Reserved
11:10 DRC2_NG_
EXP[1:0]
00
DRC2 Noise-Gate slope
00 = 1 (no expansion)
01 = 2
10 = 4
11 = 8
9:8 DRC2_QR_
THR[1:0]
00
DRC2 Quick-release threshold (crest factor in dB)
00 = 12 dB
01 = 18 dB
10 = 24 dB
11 = 30 dB
7:6 DRC2_QR_
DCY[1:0]
00
DRC2 Quick-release decay rate (seconds/6 dB)
00 = 0.725 ms
01 = 1.45 ms
10 = 5.8 ms
11 = Reserved
5:3 DRC2_HI_
COMP[2:0]
011
DRC2 Compressor slope (upper region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
110–111 = Reserved
2:0 DRC2_LO_
COMP[2:0]
000
DRC2 Compressor slope (lower region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101–11X = Reserved
R3723 (0x0E8B)
DRC2_ctrl4
10:5 DRC2_KNEE_
IP[5:0]
0x00 DRC2 Input signal level at the compressor knee.
0x00 = 0 dB
0x01 = –0.75 dB
0x02 = –1.5 dB
… (–0.75-dB steps)
0x3C = –45 dB
0x3D–-0x3F = Reserved
4:0 DRC2_KNEE_
OP[4:0]
0x00 DRC2 Output signal at the compressor knee.
0x00 = 0 dB
0x01 = –0.75 dB
0x02 = –1.5 dB
… (–0.75 dB steps)
0x1E = –22.5 dB
0x1F = Reserved
R3724 (0x0E8C)
DRC2_ctrl5
9:5 DRC2_
KNEE2_IP[4:0]
0x00 DRC2 Input signal level at the noise-gate threshold Knee 2.
0x00 = –36 dB
0x01 = –37.5 dB
0x02 = –39 dB
… (-1.5-dB steps)
0x1E = –81 dB
0x1F = –82.5 dB
Applicable only if DRC2_NG_ENA = 1.
4:0 DRC2_
KNEE2_
OP[4:0]
0x00 DRC2 Output signal at the noise-gate threshold Knee 2.
0x00 = –30 dB
0x01 = –31.5 dB
0x02 = –33 dB
… (–1.5dB steps)
0x1E = –75 dB
0x1F = –76.5 dB
Applicable only if DRC2_KNEE2_OP_ENA = 1.
Table 4-14. DRC2 Control Registers (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com