Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS47L63 Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 77Page - Cirrus Logic CS47L63 Datasheet HTML 78Page - Cirrus Logic CS47L63 Datasheet HTML 79Page - Cirrus Logic CS47L63 Datasheet HTML 80Page - Cirrus Logic CS47L63 Datasheet HTML 81Page - Cirrus Logic CS47L63 Datasheet HTML 82Page - Cirrus Logic CS47L63 Datasheet HTML 83Page - Cirrus Logic CS47L63 Datasheet HTML 84Page - Cirrus Logic CS47L63 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 300 page
background image
DS1085F3
81
CS47L35
4.4 DSP Firmware Control
4.4.2
DSP Firmware Control
The configuration and control of the DSP firmware is described in the following subsections.
4.4.2.1 DSP Memory
The DSP memory (program, X-data, Y-data, and coefficient) is enabled by setting DSPn_MEM_ENA for the respective
DSP. This memory must be enabled (DSPn_MEM_ENA = 1) for read/write access, code execution, and DMA functions.
The DSP memory is disabled, and the contents lost, whenever the respective DSPn_MEM_ENA bit is cleared.
The DSPn_MEM_ENA bits are not affected by software reset; these bits remain in their previous state under software
reset conditions. Accordingly, the DSP memory contents are maintained through software reset, provided DCVDD is held
above its reset threshold.
The DSP firmware memory is always cleared under power-on reset, hardware reset, and Sleep Mode conditions. See
Section 5 for a summary of the CS47L35 reset behavior.
4.4.2.2 DSP Clocking
Clocking is required for each of the DSP processing blocks, when executing software or when supporting DMA functions.
(Note that clocking is not required for access to the firmware registers by the host processor.)
Clocking within each DSP is enabled and disabled automatically, as required by the respective DSP core and DMA
channel status.
The clock source for each DSP is derived from DSPCLK. See Section 4.16 for details of how to configure DSPCLK.
The clock frequency for each DSP is selected using the DSPn_CLK_SEL field (where n identifies the applicable DSP
block, 1 to 3). The DSP clock frequency must be less than or equal to the DSPCLK frequency.
Table 4-24. X-Data Memory and Clocking Control
Register Address
Bit
Label
Default
Description
DSP1 Base Address = R1048064 (0x0F_FE00)
DSP2 Base Address = R1572352 (0x17_FE00)
DSP3 Base Address = R2096640 (0x1F_FE00)
Base address + 0x54
DSPn_Ext_window_A
31
DSPn_EXT_A_PSIZE16
0
Register Window A page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-Bit Mode, only the lower 24 bits can be accessed.
15:0 DSPn_EXT_A_PAGE[15:0]
0x0000 Sets the Base Address of Register Window A in X-memory.
Coded as LSB = 512 (0x200)
Base address + 0x56
DSPn_Ext_window_B
31
DSPn_EXT_B_PSIZE16
0
Register Window B page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-Bit Mode, only the lower 24 bits can be accessed.
15:0 DSPn_EXT_B_PAGE[15:0]
0x0000 Sets the Base Address of Register Window B in X-memory.
Coded as LSB = 512 (0x200)
Base address + 0x58
DSPn_Ext_window_C
31
DSPn_EXT_C_PSIZE16
0
Register Window C page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-Bit Mode, only the lower 24 bits can be accessed.
15:0 DSPn_EXT_C_PAGE[15:0]
0x0000 Sets the Base Address of Register Window C in X-memory.
Coded as LSB = 512 (0x200)
Base address + 0x5A
DSPn_Ext_window_D
31
DSPn_EXT_D_PSIZE16
0
Register Window D page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-Bit Mode, only the lower 24 bits can be accessed.
15:0 DSPn_EXT_D_PAGE[15:0]
0x0000 Sets the Base Address of Register Window D in X-memory.
Coded as LSB = 512 (0x200)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com