| Electronic Components Datasheet Search |
|
CS47L63 Datasheet(PDF) 110 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L63 Datasheet(HTML) 110 Page - Cirrus Logic |
|
110 / 300 page ![]() 110 DS1085F3 CS47L35 4.6 Digital Audio Interface DSP Mode A data format is shown in Fig. 4-37. Figure 4-37. DSP Mode A Data Format DSP Mode B data format is shown in Fig. 4-38. Figure 4-38. DSP Mode B Data Format •In I2S Mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency, and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of the next. I2S Mode data format is shown in Fig. 4-39. Figure 4-39. I2S Data Format (Assuming n-Bit Word Length) • In Left-Justified Mode, the MSB is available on the first rising edge of BCLK following a LRCLK transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency, and sample rate, there may be unused BCLK cycles before each LRCLK transition. Left-Justified Mode data format is shown in Fig. 4-40. Figure 4-40. Left-Justified Data Format (Assuming n-Bit Word Length) n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/Fs LRCLK BCLK RXDAT/ TXDAT 1 BCLK In Slave Mode, the falling edge can occur anywhere in this area 1 BCLK n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/Fs LRCLK BCLK RXDAT/ TXDAT 1 BCLK 1 BCLK In Slave Mode, the falling edge can occur anywhere in this area n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/Fs LRCLK BCLK RXDAT/ TXDAT 1 BCLK 1 BCLK n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/Fs LRCLK BCLK RXDAT/ TXDAT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |