Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS47L63 Datasheet(PDF) 117 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 117 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 113Page - Cirrus Logic CS47L63 Datasheet HTML 114Page - Cirrus Logic CS47L63 Datasheet HTML 115Page - Cirrus Logic CS47L63 Datasheet HTML 116Page - Cirrus Logic CS47L63 Datasheet HTML 117Page - Cirrus Logic CS47L63 Datasheet HTML 118Page - Cirrus Logic CS47L63 Datasheet HTML 119Page - Cirrus Logic CS47L63 Datasheet HTML 120Page - Cirrus Logic CS47L63 Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 300 page
background image
DS1085F3
117
CS47L35
4.7 Digital Audio Interface Control
4.7.3.1 LRCLK Advance
The timing of the AIFnLRCLK signal can be adjusted using AIFn_LRCLK_ADV. If this bit is set, the LRCLK signal transition
is advanced to the previous BCLK phase (as compared with the default behavior).
The LRCLK-advance option (AIFn_LRCLK_ADV = 1) is valid for DSP-A mode only, operating in Master Mode.
Note: BCLK inversion must be enabled (AIFn_BCLK_INV = 1) if the LRCLK-advance option is enabled.
The adjusted interface timing (AIFn_LRCLK_ADV = 1), is shown in Fig. 4-48. The left-channel MSB is available on the
second rising edge of BCLK, 1.5 BCLK cycles after the LRCLK rising edge—assuming the BCLK output is inverted.
Figure 4-48. LRCLK advance—DSP-A Master Mode
4.7.4
AIF Signal Path Enable
The AIF1 interface supports up to six input (RX) channels and up to six output (TX) channels. Each channel is enabled or
disabled using the bits defined in Table 4-38.
The AIF2 and AIF3 interfaces support up to two input (RX) channels and up to two output (TX) channels. Each channel is
enabled or disabled using the bits defined in Table 4-39 and Table 4-40.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The AIF signal paths
should be kept disabled (AIFn_TXm_ENA = 0, AIFn_RXm_ENA = 0) if SYSCLK is not enabled. See Section 4.16 for
details of the system clocks (including requirements for reconfiguring SYSCLK while audio paths are enabled).
The audio interfaces can be reconfigured if enabled, including changes to the LRCLK frame length and the channel
time-slot configurations. Care is required to ensure that this on-the-fly reconfiguration does not cause corruption to the
active signal paths. Wherever possible, it is recommended to disable all channels before changing the AIF configuration.
The CS47L35 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the
commanded signal paths and processing functions. If the frequency is too low, an attempt to enable an AIF signal path
fails. Note that active signal paths are not affected under such circumstances.
R1410 (0x0582)
AIF3_Rx_Pin_Ctrl
3AIF3_
LRCLK_ADV
0
AIF3 Audio Interface LRCLK Advance
0 = Normal
1 = AIF3LRCLK transition is advanced to the previous BCLK phase
2AIF3_
LRCLK_INV
0
AIF3 Audio Interface LRCLK Invert
0 = AIF3LRCLK not inverted
1 = AIF3LRCLK inverted
1AIF3_
LRCLK_FRC
0
AIF3 Audio Interface LRCLK Output Control
0 = Normal
1 = AIF3LRCLK always enabled in Master Mode
0AIF3_
LRCLK_
MSTR
0
AIF3 Audio Interface LRCLK Master Select
0 = AIF3LRCLK Slave Mode
1 = AIF3LRCLK Master Mode
Table 4-37. AIF3 Master/Slave Control (Cont.)
Register Address Bit
Label
Default
Description
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/Fs
LRCLK
BCLK
RXDAT/
TXDAT
1.5 BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com