Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP250720FDB26V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GP250720FDB26V
Description  RELAY - LATCH 2 PDT, 2 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250720FDB26V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GP250720FDB26V Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SCHEMATIC DIAGRAM
GP250
NUMBERING SYSTEM
GP250
720
E
00
26V
Basic series designation__________________________|
|
|
|
|
1-Coil Resistance_______________________________________|
|
|
|
2-Terminal Types (E,F)______________________________________|
|
|
3-Mounting Style (00,DB,DJ,DE,DQ,DD,DM,HA,BC,BD,BJ,BN)__________|
|
4-Nominal Voltage (06,12,26)_________________________________________|
NOTES
1. Isolation spacer pads for PCB mounting available on request.
2. For other mounting styles or terminal types, please contact the factory.
TYPICAL CHARACTERISTICS
*
Coil resistance/temperature change: See application note no. 001
Date of issue: 3/06
- 24 -
Page 4 of 4
A1
A3
X2
Y1
+
+
X1
A2
B1
B2
Y2
RAZ
B3
BOTTOM VIEW, COIL ENERGIZED LAST RAZ
CONTRASTING BEAD
TERMINAL DESIGNATIONS ARE FOR REFERENCE ONLY
AND DO NOT APPEAR ON STANDARD UNITS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com