Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP250720FDB26V Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GP250720FDB26V
Description  RELAY - LATCH 2 PDT, 2 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250720FDB26V Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  GP250720FDB26V Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250720FDB26V Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
The diode + resistor network
It eliminates the inconvenience of the resistor alone, explained above, and it limits the action of a single diode. It is now
preferred to used the diode + zener network.
The diode + zener network
Like the resistor, the zener allows a faster decurrent decay. In addition it introduces a threshold level for current conduction
which avoids the recycling of energy released during contact movement.
The lower curve on the opposite record demonstrates those characteristics. Voltage limitation occurs at 42V. The two voltages
spikes generated by internal movement are at lower levels than zener conduction. As a result, no current is recycled in the
coil.
The opening time phases are as follows:
- time to start the movement 2.6ms
- total motion time 2.4ms
- transfer time 1.4ms
The release time is slightly increased. The contacts' opening speed remains unchanged.
Date of issue: 6/00
- 11 -
Page 4 of 4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com