Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS48L32 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 13Page - Cirrus Logic CS48L32 Datasheet HTML 14Page - Cirrus Logic CS48L32 Datasheet HTML 15Page - Cirrus Logic CS48L32 Datasheet HTML 16Page - Cirrus Logic CS48L32 Datasheet HTML 17Page - Cirrus Logic CS48L32 Datasheet HTML 18Page - Cirrus Logic CS48L32 Datasheet HTML 19Page - Cirrus Logic CS48L32 Datasheet HTML 20Page - Cirrus Logic CS48L32 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 192 page
background image
17
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-17. Audio Serial Port Timing—TDM Mode
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
Parameter 1
1.Audio serial port timing—
TDM Mode. The timing of
the ASPn_DOUT tristating
at the start and end of the
data transmission is
shown.
Min
Typ
Max
Units
Master Mode—CLOAD (ASPn_DOUT) = 15 to
25 pF. BCLK slew (10%–90%) = 3.7ns to 5.6 ns.
ASPn_DOUT enable time from BCLK falling edge
0
—
—
ns
ASPn_DOUT disable time from BCLK falling edge
—
—
6
ns
Slave Mode—CLOAD (ASPn_DOUT) = 15 pF).
BCLK slew (10%–90%) = 3 ns
ASPn_DOUT enable time from BCLK falling edge
2
—
—
ns
ASPn_DOUT disable time from BCLK falling edge
—
—
12.2
ns
Slave Mode—CLOAD (ASPn_DOUT) = 25 pF).
BCLK slew (10%–90%) = 6 ns
ASPn_DOUT enable time from BCLK falling edge
2
—
—
ns
ASPn_DOUT disable time from BCLK falling edge
—
—
14.2
ns
Note: If TDM operation is used on the ASPn_DOUT pins, it is important that two devices do not attempt to drive the ASPn_DOUT pin
simultaneously. To support this requirement, the ASPn_DOUT pins can be configured to be tristated when not outputting data.
BCLK
DOUT
ASPn_DOUT enable time
ASPn_DOUT disable time
ASPn_DOUT undriven (tristate)
ASPn_DOUT valid (codec output)
ASPn_DOUT valid
ASPn_DOUT undriven (tristate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com