Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS48L32 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic CS48L32 Datasheet HTML 31Page - Cirrus Logic CS48L32 Datasheet HTML 32Page - Cirrus Logic CS48L32 Datasheet HTML 33Page - Cirrus Logic CS48L32 Datasheet HTML 34Page - Cirrus Logic CS48L32 Datasheet HTML 35Page - Cirrus Logic CS48L32 Datasheet HTML 36Page - Cirrus Logic CS48L32 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 192 page
background image
DS1219F4
Cirrus Logic
33
CS48L32
4.2 Input Signal Path
The signal-detect function is supported on input paths IN1–IN2 in analog and digital configurations. (For the IN1 input path,
digital input is selected by setting IN1_MODE.) Note that the valid operating conditions for this function vary, depending
on the applicable signal-path configuration.
• The signal-detect function is supported on analog input paths for sample rates up to 16 kHz.
• The signal-detect function is supported on digital input paths for sample rates up to 16 kHz (if INn_
PDMCLK
 768kHz) and up to 48 kHz (if INn_PDMCLK  2.8224 MHz).
For each input path, the signal-detect function is enabled by setting the respective INnx_SIG_DET_EN bit. The detection
threshold level is set using IN_SIG_DET_THR—this applies to all input paths.
If the signal-detect function is enabled, the respective input channel is muted if the signal level is below the configured
threshold. If the input signal exceeds the threshold level, the respective channel is immediately unmuted.
If the input signal falls below the threshold level, the mute is applied. To prevent erroneous behavior, a time delay is applied
before muting the input signal—the channel is only muted if the signal level remains below the threshold level for longer
than the hold time. The hold time is set using IN_SIG_DET_HOLD.
Note that the signal-level detection is performed in the digital domain, after the ADC, PGA, digital mute and digital volume
controls—the respective input channel must be enabled and unmuted when using the signal-detect function.
The signal-detect function is an input to the interrupt control circuit and can be used to trigger an interrupt event; see
Section 4.9. Note that the respective interrupt event represents the logic OR of the signal detection on all input channels
and does not provide indication of which input channel caused the interrupt. To avoid multiple interrupts, the signal-detect
interrupt can be reasserted only after all input channels have fallen below the trigger threshold level.
The signal-detect status can be output directly on a GPIO pin as an external indication of the input path signal detection.
See Section 4.10 to configure a GPIO pin for this function.
The input path signal-detection control registers are described in Table 4-5.
Table 4-5. Input Signal Path Signal-Detect Control
Register Address
Bit
Label
Default
Description
R16420 (0x4024)
IN1L_CONTROL1
1IN1L_SIG_DET_
EN
0
Input Path 1 (Left) Signal-Detect Enable
0 = Disabled
1 = Enabled
R16452 (0x4044)
IN1R_CONTROL1
1
IN1R_SIG_DET_
EN
0
Input Path 1 (Right) Signal-Detect Enable
0 = Disabled
1 = Enabled
R16484 (0x4064)
IN2L_CONTROL1
1IN2L_SIG_DET_
EN
0
Input Path 2 (Left) Signal-Detect Enable
0 = Disabled
1 = Enabled
R16516 (0x4084)
IN2R_CONTROL1
1
IN2R_SIG_DET_
EN
0
Input Path 2 (Right) Signal-Detect Enable
0 = Disabled
1 = Enabled
R16960 (0x4240)
IN_SIG_DET_
CONTROL
8:4
IN_SIG_DET_
THR[4:0]
0x00 Input Signal Path Signal-Detect Threshold
0x00 = –30.1 dB
0x01 = –36.1 dB
0x02 = –42.1 dB
0x03 = –48.2 dB
0x04 = –50.7 dB
0x05 = –54.2 dB
0x06 = –56.7 dB
0x07 = –60.2 dB
0x08 = –66.2 dB
0x09 = –68.7 dB
0x0A = –72.2 dB
0x0B = –74.7 dB
0x0C = –78.3 dB
0x0D = –80.8 dB
All other codes are reserved
3:0
IN_SIG_DET_
HOLD[3:0]
0001 Input Signal Path Signal-Detect Hold Time (delay before signal detect indication
is deasserted)
0000 = Reserved
0001 = 4–8 ms
0010 = 8–12 ms
0011 = 12–16 ms
... (4 ms steps)
1001 = 36–40 ms
1010 = 40–44 ms
1011 = 48–52 ms
1100 = 96–100 ms
1101 = 192–196 ms
1110 = 384–388 ms
1111 = 768–772 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com