Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-LF1401 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IC-LF1401
Description  128x1 Linear Image Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC-LF1401 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IC-LF1401 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iC-LF1401
128x1 Linear Image Sensor
Rev A3, Page 3/9
PACKAGES OLGA LF2C, OBGA
™ LF3C
PIN CONFIGURATION OLGA LF2C
(top view)
PIN CONFIGURATION OBGA
™ LF3C
(top view)
PIN FUNCTIONS
No. Name Function
1 SI
Start Integration Input
2 CLK
Clock Input
3 AO
Analogue Output
4 VCC
+5 V Supply Voltage
5 RSET Bias Current (connected to GND for in-
ternal bias = default; resistor from VCC
to RSET for reduced current consump-
tion)
6 AGND Analogue Ground
7 GND
Digital Ground
8 DIS
Hold Integration Input
CHIP LAYOUT
Die size: 8.5 mmx 1.6 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com