Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-LF1401 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IC-LF1401
Description  128x1 Linear Image Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC-LF1401 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IC-LF1401 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IC-LF1401 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
iC-LF1401
128x1 Linear Image Sensor
Rev A3, Page 6/9
OPTICAL CHARACTERISTICS: Diagrams
400
10
20
30
40
50
60
70
80
90
100
600
800
1000 nm
%
Figure 1: Relative spectral sensitivity
OPERATING REQUIREMENTS: Logic
Operating Conditions: VCC = VDD = 5V
±10 %, Tj = -25...85 °C
input levels lo = 0...0.45 V, hi = 2.4 V...VCC, see Fig. 2 for reference levels
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Max.
I001
tset
Setup Time:
SI stable before CLK lo
hi
3
50
ns
I002
thold
Hold Time:SI stable after CLK lo
hi
3
50
ns
t
V
2.0V
0.8V
2.4V
0.45V
0
1
Input/Output
Figure 2: Reference levels
CLK
SI
tset
thold
Figure 3: Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com