Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FLEX6000 Datasheet(PDF) 33 Page - Altera Corporation

Part # FLEX6000
Description  Programmable Logic Device Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX6000 Datasheet(HTML) 33 Page - Altera Corporation

Back Button FLEX6000 Datasheet HTML 29Page - Altera Corporation FLEX6000 Datasheet HTML 30Page - Altera Corporation FLEX6000 Datasheet HTML 31Page - Altera Corporation FLEX6000 Datasheet HTML 32Page - Altera Corporation FLEX6000 Datasheet HTML 33Page - Altera Corporation FLEX6000 Datasheet HTML 34Page - Altera Corporation FLEX6000 Datasheet HTML 35Page - Altera Corporation FLEX6000 Datasheet HTML 36Page - Altera Corporation FLEX6000 Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Altera Corporation
33
FLEX 6000 Programmable Logic Device Family Data Sheet
VCC
Supply voltage
With respect to
ground (2)
–0.5
4.6V
VI
DC input voltage
–2.0
5.75V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
PQFP, PLCC, and BGA packages
135
° C
VCCINT
Supply voltage for internal logic and
input buffers
(3), (4)
3.00 (3.00)
3.60 (3.60)V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(3), (4)
3.00 (3.00)
3.60 (3.60)V
Supply voltage for output buffers,
2.5-V operation
(3), (4)
2.30 (2.30)
2.70 (2.70)V
VI
Input voltage
–0.5
5.75V
VO
Output voltage
0V CCIO
V
TJ
Operating temperature
For commercial use
0
85
° C
For industrial use
–40
100
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com