Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FLEX6000 Datasheet(PDF) 40 Page - Altera Corporation

Part # FLEX6000
Description  Programmable Logic Device Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX6000 Datasheet(HTML) 40 Page - Altera Corporation

Back Button FLEX6000 Datasheet HTML 36Page - Altera Corporation FLEX6000 Datasheet HTML 37Page - Altera Corporation FLEX6000 Datasheet HTML 38Page - Altera Corporation FLEX6000 Datasheet HTML 39Page - Altera Corporation FLEX6000 Datasheet HTML 40Page - Altera Corporation FLEX6000 Datasheet HTML 41Page - Altera Corporation FLEX6000 Datasheet HTML 42Page - Altera Corporation FLEX6000 Datasheet HTML 43Page - Altera Corporation FLEX6000 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
40
Altera Corporation
FLEX 6000 Programmable Logic Device Family Data Sheet
%
%
%
%
tINSU
Setup time with global clock at LE register
(8)
tINH
Hold time with global clock at LE register
(8)
tOUTCO
Clock-to-output delay with global clock with LE register using FastFLEX I/O
pin
(8)
REG_TO_REG
1.2
1.3
1.7
ns
CASC_TO_REG
0.9
1.0
1.2
ns
CARRY_TO_REG
0.9
1.0
1.2
ns
DATA_TO_REG
1.1
1.2
1.5
ns
CASC_TO_OUT
1.3
1.4
1.8
ns
CARRY_TO_OUT
1.6
1.8
2.3
ns
DATA_TO_OUT
1.7
2.0
2.5
ns
REG_TO_OUT
0.4
0.4
0.5
ns
SU
0.9
1.0
1.3
ns
H
1.4
1.7
2.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com