Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF16N60M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF16N60M6
Description  N-channel 600 V, 0.26 typ., 12 A MDmesh™ M6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16N60M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STF16N60M6 Datasheet HTML 1Page - STMicroelectronics STF16N60M6 Datasheet HTML 2Page - STMicroelectronics STF16N60M6 Datasheet HTML 3Page - STMicroelectronics STF16N60M6 Datasheet HTML 4Page - STMicroelectronics STF16N60M6 Datasheet HTML 5Page - STMicroelectronics STF16N60M6 Datasheet HTML 6Page - STMicroelectronics STF16N60M6 Datasheet HTML 7Page - STMicroelectronics STF16N60M6 Datasheet HTML 8Page - STMicroelectronics STF16N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2017
DocID030461 Rev 1
1/13
This is information on a product in full production.
www.st.com
STF16N60M6
N-
channel 600 V, 0.26 Ω typ., 12 A MDmesh™ M6
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STF16N60M6
600 V
0.32 Ω
12 A
Reduced switching losses
Lower RDS(on) x area vs previous generation
Low gate input resistance
100% avalanche tested
Zener-protected
Applications
Switching applications
LLC converters
Boost PFC converters
Description
The new MDmesh™ M6 technology incorporates
the most recent advancements to the well-known
and consolidated MDmesh family of SJ
MOSFETs. STMicroelectronics builds on the
previous generation of MDmesh devices through
its new M6 technology, which combines excellent
RDS(on) * area improvement with one of the most
effective switching behaviors available, as well as
a user-friendly experience for maximum end-
application efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STF16N60M6
16N60M6
TO-220FP
Tube
TO-220FP
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STF16N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF16N60M2 STMICROELECTRONICS-STF16N60M2 Datasheet
383Kb / 13P
Extremely low gate charge
March 2015 Rev 1
logo
Inchange Semiconductor ...
STF16N60M2 ISC-STF16N60M2 Datasheet
301Kb / 2P
N-Channel Power MOSFET
More results

Similar Description - STF16N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60M6 STMICROELECTRONICS-STP33N60M6 Datasheet
256Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
July 2018 Rev 2
STD16N60M6 STMICROELECTRONICS-STD16N60M6 Datasheet
339Kb / 15P
N-channel 600 V, 0.260 Ω typ., 12 A MDmesh M6 Power MOSFET in a DPAK package
08-May-2020
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
10-Jun-2019
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STF46N60M6 STMICROELECTRONICS-STF46N60M6 Datasheet
456Kb / 12P
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
20-Nov-2019
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
16-Mar-2020
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
30-May-2019
STF18N60M6 STMICROELECTRONICS-STF18N60M6 Datasheet
451Kb / 13P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
15-Nov-2018
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com