Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTF24IC2LDW/30 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # LTF24IC2LDW/30
Description  L-GAGE® LTF Time of Flight Laser Distance Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LTF24IC2LDW/30 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  LTF24IC2LDW/30 Datasheet HTML 1Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 2Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 3Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 4Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 5Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 6Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 7Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 8Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
1 Product Description
Laser distance sensor with both analog and discrete (switched) outputs
• High performance time of flight measurement
• Extended ranges up to 24 m
• Reliably detects challenging targets
• Fast set up with intuitive interface
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury
or death. This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A sensor failure or malfunction can cause either an energized or de-
energized sensor output condition.
1.1 Models
Family
Connector
Blank = 2 m Integral Cable
Q = Rotatable M12/Euro QD
QP = PVC M12/Euro Pigtail QD
W/30 = 9 m Integral Cable
QD models require mating cordset
Q
Range
12
LTF
12
24
Laser
Class
C2
C2 = Class 2
I = 4 to 20 mA analog
and (1) NPN/PNP discrete
U= 0 to 10 V analog
and (1) NPN/PNP discrete
LD = Laser diffuse
I
LD
Output
Sensing
Mode
= 12 m
= 24 m
Note: Some model combinations may not be available.
1.2 Overview
The LTF Time of Flight Laser Distance Sensor is designed for precise, long-distance measurements. A 2-line LCD shows the
real-time distance measurement, in either millimeters or inches, and the analog output measurement, in milliamps or volts,
when the sensor is in Run mode.
See
Factory Defaults for a list of sensor default settings.
Models with current or voltage analog outputs are available. This manual provides the display information and the
navigation paths for the current models with the voltage model text in parentheses if it is different.
L-GAGE® LTF Time of Flight Laser Distance Sensor
4
www.bannerengineering.com - Tel: + 1 888 373 6767



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com