Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTF24IC2LDW/30 Datasheet(PDF) 21 Page - Banner Engineering Corp.

Part # LTF24IC2LDW/30
Description  L-GAGE® LTF Time of Flight Laser Distance Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LTF24IC2LDW/30 Datasheet(HTML) 21 Page - Banner Engineering Corp.

Back Button LTF24IC2LDW/30 Datasheet HTML 17Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 18Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 19Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 20Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 21Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 22Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 23Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 24Page - Banner Engineering Corp. LTF24IC2LDW/30 Datasheet HTML 25Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
3.6.2 Midpoint TEACH
Output OFF
0 mm
(500 mm)
(700 mm)
(600 mm)
1000 mm
SP1
SP2
Midpoint
Output ON
Figure 16. Window and Midpoint Example
The Midpoint TEACH uses both the window size and the
TEACH midpoint to determine the actual measurement
window. For example, a window of 200 mm with a midpoint of
600 mm places the measurement window from 500 mm to
700 mm.
To use Midpoint TEACH:
1. Set the window size.
2. Set the measurement window using TEACH Midpoint
on p. 22.
The Discrete Output Midpoint TEACH and the Analog Output
Midpoint TEACH are independent settings.
Window Size
The D_OUT > TchMid > WndSize option sets the window size that the Midpoint TEACH uses to set the setpoint one and
setpoint two thresholds.
The taught surface must be inside the defined sensing range, and at least one setpoint (with offset applied, if any) must be
located within the sensing range.
The Discrete Output window size is a different setting than the Analog Output window size when defined using the push
buttons.
Parameters
LTF12
LTF24
Window Size Minimum
10 mm
10 mm
Window Size Maximum
11950 mm
23950 mm
Range
50 mm to 12000 mm
50 mm to 24000 mm
Default Window Size
20 mm
20 mm
Navigate: MENU > D_OUT > TchMid > WndSize
Remote Input: Available
1. Access the setup mode.
Method
Action
Result
Push Button
Navigate: MENU > D_OUT > TchMid > WndSize .
"WndSize" and the current window
size value display.
Remote Input
a. Double-pulse the remote input to enter
setup mode.
b. Three-pulse the remote input to enter
window size mode.
T
T
T
T
T
T
T
T
a. "REMOTE SETUP" displays.
b. "WndSize" and the current value
display.
2. Set the window size.
Method
Action
Result
Push Button
a. Use Down
and Up
to set the desired window size—the
value changes in increments of 2.
b. Press Enter
to save the new value.
a. "WndSize" and the new value
display.
b. The new value flashes and returns
to "TchMid WndSize".
L-GAGE® LTF Time of Flight Laser Distance Sensor
www.bannerengineering.com - Tel: + 1 888 373 6767
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com