Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8FS-G05012CD Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # S8FS-G05012CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05012CD Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button S8FS-G05012CD Datasheet HTML 13Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 14Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 15Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 16Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 17Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 18Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 19Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 20Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
S8FS-G
17
This Power Supply can be used at an altitude of 3,000 m.
Between 2,000 and 3,000 m, derate the load according to the following derating curve.
15 W to 150 W (During an AC input)
15 W to 150 W (During a DC input)
Note: At a voltage below 100 VAC, reduce the load at the rate of
1.3%/V. (40°C < Ambient temperature
≤ 70°C)
Note: At a voltage below 100 VDC, reduce the load by multiplying
with the coefficient 0.9.
300 W and 600 W
Note: At a voltage below 100 VAC, reduce the load at the rate of
1.3%/V.
70%
45
°C max.
50
°C
60
°C
70
°C
0
500
1,000
1,500
2,000
2,500
3,000
3,500
100%
85%
55%
25%
120
100
80
60
40
20
0
Altitude (m)
120
100
80
60
40
20
0
100%
90%
50%
70%
30%
35
°C max.
40
°C
50
°C
60
°C
70
°C
0
500
1,000
1,500
2,000
2,500
3,000
3,500
Altitude (m)
0
500
1,000
1,500
2,000
2,500
3,000
3,500
120
100
80
70
60
40
20
0
45
°C max.
50
°C
60
°C
70
°C
100%
70%
40%
10%
Altitude (m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com