Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8FS-G05012CD Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # S8FS-G05012CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05012CD Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button S8FS-G05012CD Datasheet HTML 25Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 26Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 27Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 28Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 29Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 30Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 31Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 32Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
S8FS-G
29
Safety Precautions
Refer to Safety Precautions for All Power Supplies.
Warning Indications
Meaning of Product Safety Symbols
!CAUTION
Minor electric shock, fire, or Product failure may
occasionally occur. Do not disassemble, modify, or
repair the Product or touch the interior of the
Product.
Minor burns may occasionally occur. Do not touch
the Product while power is being supplied or
immediately after power is turned OFF.
Fire may occasionally occur. Tighten terminal screws
to the specified torque.
M3.5: 0.74 to 1.13N·m
M4:
1.08 to 1.32N·m
Minor injury due to electric shock may occasionally
occur. Do not touch the terminals while power is
being supplied.
Minor electric shock, fire, or Product failure may
occasionally occur. Do not allow any pieces of metal
or conductors or any clippings or cuttings resulting
from installation work to enter the Product.
Ambient Operating and Storage Environments
• Store the Power Supply at a temperature of
−25 to 75°C and a
humidity of 90% max.
• The internal parts may occasionally deteriorate or be damaged.
Use the Power Supply within the derating curve.
• Use the Power Supply at a humidity of 90% max.
• Do not use locations where liquids, foreign matter, or corrosive
gases may enter the interior of the Power supplies.
Installation Environment
• Do not use the Power Supply in locations subject to shocks or
vibrations. In particular, install the Power Supply as far away as
possible from contractors or other devices that are a vibration
source.
• Install the Power Supply well away from any sources of strong,
high-frequency noise and surge.
Mounting
• Take adequate measures to ensure proper heat dissipation to
increase the long-term reliability of the Power Supply.
Be sure to allow convection in the atmosphere around devices
when mounting.
Do not use in locations where the ambient temperature exceeds
the range of the derating curve.
The S8FS-G015
@@@ to S8FS-G150@@@ are cooled by natural
convection. Mount them so that air convection will occur around
them.
The S8FS-G300
@@@ and S8FS-G600@@@ are cooled by forced
airflow. Do not allow the ventilation holes to be blocked. The
effectiveness of cooling would be reduced.
• When cutting out holes for mounting, make sure that cuttings do
not enter the interior of the Power supplies.
• The internal parts may occasionally deteriorate and be broken due
to adverse heat radiation. Do not loosen the screws on the Power
Supply.
• If you mount the Power Supply with the holes provided on the
chassis, do not exceed the depth given in the dimensional
diagrams.
Use the following tightening torques.
M3 screws: 0.48 to 0.59 N·m
M4 screws: 1.08 to 1.32 N·m
CAUTION
Indicates a potentially hazardous
situation which, if not avoided, may
result in minor or moderate injury or in
property damage.
Precautions for
Safe Use
Supplementary comments on what to
do or avoid doing, to use the product
safely.
Precautions for
Correct Use
Supplementary comments on what to
do or avoid doing, to prevent failure to
operate, malfunction or undesirable
effect on product performance.
Used to warn of the risk of electric shock under
specific conditions.
Used to warn of the risk of minor injury caused by
high temperatures.
Use to indicate prohibition when there is a risk of
minor injury from electrical shock or other source
if the product is disassembled.
Used for general mandatory action precautions
for which there is no specified symbol.
Precautions for Safe Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com