Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVPL0505S/K-XXX Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DVPL0505S/K-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVPL0505S/K-XXX Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DVPL0505S/K-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DVPL0505S Series
1X036DSB
7
EFFICIENCY PERFORMANCE CURVES (T
CASE = 25°C, Full Load, Unless Otherwise Specified)
VOUT = 3.3V
VOUT = 2.5V
VOUT =1.5V
VOUT = 0.8V
82
84
86
88
90
92
94
96
98
0
12345
Output Current (A)
Figure 10 – DVPL0505S Vin=5.0V
Efficiency (%) vs. Output Current (A)
82
84
86
88
90
92
94
96
98
01
2
3
45
Output Current (A)
Figure 11 – DVPL0505S Vin=3.3V
Efficiency (%) vs. Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com