Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVPL0505S/K-XXX Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DVPL0505S/K-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVPL0505S/K-XXX Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DVPL0505S/K-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DVPL0505S Series
1X036DSB
11
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534)
Screening
MIL-STD-883
Standard
(No Suffix)
Extended
/ES
HB
/HB
Class H
/H
Class K
/K
Non-
Destructive
Bond Pull
Method 2023
•
•
•
•
•
Internal
Visual
Method 2017, 2032
Internal Procedure
•
•
•
•
•
Temperature
Cycling
Method 1010, Condition C
Method 1010, -55°C to 125°C
•
•
•
•
Constant
Acceleration
Method 2001, 3000g, Y1 Direction
Method 2001, 500g, Y1 Direction
•
•
•
•
PIND
Method 2020, Condition A
2
•
Pre Burn-In
Electrical
100% at 25°C
•
Burn-In
Method 1015, 320 hours at +125°C
Method 1015, 160 hours at +125°C
96 hours at +125°C
24 hours at +125°C
•
•
•
•
•
Final
Electrical
MIL-PRF-38534, Group A
1
100% at 25°C
•
•
•
•
•
Hermeticity
Method 1014, Fine Leak, Condition A
Method 1014, Gross Leak, Condition C
Dip (1 x 10
-3)
•
•
•
•
•
•
•
•
•
Radiography
Method 2012
3
•
External
Visual
Method 2009
•
•
•
•
•
Notes:
1.
100% R&R testing at –55°C, +25°C, and +125°C with all test data included in product shipment.
2.
PIND test Certificate of Compliance included in product shipment.
3.
Radiographic test Certificate of Compliance and film(s) included in product shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com