Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MOR283R3S Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MOR283R3S Datasheet HTML 1Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 2Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 3Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
MOR SERIES
120 WATT
DC/DC CONVERTERS
DUAL OUTPUT MODELS
MOR286R3D
MOR289R5D
MOR2812D
MOR2815D
PARAMETER
CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE5
+VOUT
6.24
6.30
6.36
9.40
9.50
9.60
11.88 12.00 12.12
14.85 15.00 15.15
VDC
–VOUT
6.20
6.30
6.40
9.35
9.50
9.65
11.80 12.00 12.20
14.76 15.00 15.24
OUTPUT CURRENT6
VIN = 16 to 40 VDC
—
±8
16
—
±5.53 11.05
—
±4.58 9.16
—
±4.00 8.00
A6
OUTPUT POWER
VIN = 16 to 40 VDC
—
—
100
—
—
105
—
—
110
—
—
120
W
OUTPUT RIPPLE
10 kHz - 20 MHz
VOLTAGE
Tc = –55°C to +125°C
—
50
100
—
75
120
—
75
120
—
75
150
mV p-p
+VOUT / –VOUT
10 kHz - 2 MHz
Tc = –55°C to +125°C
—
30
60
—
50
80
—
50
100
—
50
120
LINE REGULATION
+VOUT
—
25
50
—
25
50
—
25
50
—
25
50
mV
VIN = 16 to 40 VDC
–VOUT
—
50
160
—
50
100
—
50
100
—
50
100
LOAD REGULATION
+VOUT
—
25
50
—
25
50
—
25
50
—
25
50
mV
–VOUT
—
50
200
—
50
200
—
50
200
—
50
200
CROSS REGULATION7
NEGATIVE VOUT
—
5
8
—
47
—
3
5
—
24
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 msec
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
70
140
—
70
140
—
70
140
—
70
140
mA
FULL LOAD
—
—
4.45
—
—
4.63
—
—
4.72
—
—
5.10
A
INHIBITED - INH1
—
—
10
—
—
10
—
—
10
—
—
10
mA
INHIBITED - INH2
—
—
70
—
—
70
—
—
70
—
—
70
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
—
—
130
—
—
130
—
—
130
—
—
130
mA p-p
EFFICIENCY
81
83
—
82
84
—
84
86
—
85
87
—
%
LOAD FAULT1
POWER DISSIPATION
OVERLOAD
—
—
30
—
—
30
—
—
30
—
—
30
W
SHORT CIRCUIT2
—
—
24
—
—
24
—
—
22
—
—
20
RECOVERY
—
—
10
—
—
10
—
—
10
—
—
10
ms
OUTPUT CURRENT
TRIP POINT
—
—
20
—
—
14
—
—
11
—
—
10
A
SHORT CIRCUIT2
—
—
19
—
—
13
—
—
10
—
—
9
STEP LOAD RESP.
50% – 100% — 50%
±VOUT
TRANSIENT
—
—
500
—
—
500
—
—
600
—
—
600
mV pk
RECOVERY3
—
—
300
—
—
300
—
—
300
—
—
300
µs
STEP LINE RESP.
16 – 40 – 16 VDC
±VOUT
TRANSIENT4
—
—
500
—
—
600
—
—
600
—
—
750
mV pk
RECOVERY3
—
—
300
—
—
300
—
—
300
—
—
300
µs
START-UP
TIME
—
—
10
—
—
10
—
—
10
—
—
10
ms
OVERSHOOT
—
—
50
—
—
50
—
—
50
—
—
50
mV pk
INHIBIT PIN CURRENT
UNIT INHIBITED
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
mA
Electrical Characteristics: Tc = 25°C, full load, Vin = 28 VDC, free run, unless otherwise specified.
Notes:
1. Load fault conditions are measured with a resistive load.
2. Short circuit is measured with a 10 m W (±10%) load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 µs
5. Output voltage for dual output models is measured at half load.
6. The maximum specification is the total output current/power. Up to 70%
of that total is available from either output provided the other output
maintains a minimum of 15% the total power used.
7. Cross regulation percentages are for the following conditions:
+Po = 30% and –Po = 70%
+Po = 10% and –Po = 50%
+Po = 70% and –Po = 30%
+Po = 50% and –Po = 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com