Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MOR283R3S Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MOR283R3S Datasheet HTML 3Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 10Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SMD NUMBERS
PIN OUT
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9954401HXC
5962-9954801HXC
5962-9954501HXC
5962-9954601HXC
5962-9954901HXC
5962-9955001HXC
5962-9956401HXC
5962-9956101HXC
5962-9956501HXC
5962-9956601HXC
5962-9956201HXC
5962-9956301HXC
MOR SERIES
SIMILAR PART
MOR283R3S/883
MOR2805S/883
MOR286R3S/883
MOR289R5S/883
MOR2812S/883
MOR2815S/883
MOR283R3D/883
MOR2805D/883
MOR286R3D/883
MOR289R5D/883
MOR2812D/883
MOR2815D/883
7
MOR SERIES
120 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
FIGURE 17
FIGURE 19
16V
28V
40V
10.5
105
52.5
50
60
70
80
90
Output Power (Watts)
MOR289R5S Efficiency
16V
28V
40V
12
120
60
50
60
70
80
90
Output Power (Watts)
MOR2815S Efficiency
16V
28V
40V
6.6
66
33
50
60
70
80
90
Output Power (Watts)
MOR283R3S Efficiency
FIGURE 14
Output Power (Watts)
MOR2805S Efficiency
16V
28V
40V
10
100
50
50
60
70
80
90
FIGURE 15
16V
28V
40V
11
110
55
50
60
70
80
90
Output Power (Watts)
MOR2812S Efficiency
FIGURE 18
FIGURE 16
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR286R3S Efficiency
MOR
28 05 S
Y / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case/Lead Option
(Standard case – U – has no designator
in this position)
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator in this position.)
For exact specifications for an SMD product, refer to the SMD drawing. In
the SMD number the “X” in the “HXC” suffix corresponds to case U, case
V=U, case W=T, case Y=Y, and case Z=Z. SMDs can be downloaded
from: http://www.dscc.dla.mil/programs/smcr
MODEL NUMBERING KEY
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Trim
Case
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common
Output Common
9
Sense Return
Negative Output
10
Positive Sense
Trim
11
Share
Share
12
Inhibit 2 (INH2)
Inhibit 2 (INH2)
1
2
3
4
5
6
12
11
10
9
8
7
Angled corner and cover marking indicate pin one for cases
U and V. Cover marking indicates pin one for cases W, Y, and Z.
TOP VIEW
MOR
(Pin side, marked side)
FIGURE 13: PIN OUT TOP VIEW
Outline shown is case U, pin out is the same for all
cases. Also available: flanged – leads bent down (case
V); tabbed – leads bent up (case W), short leads (case
Y), and leads bent down (case Z). See Figures 55
through 60 for dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com