Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTS1698 Datasheet(PDF) 2 Page - Kinetic Technologies.

Part # KTS1698
Description  5ARMS VBUS Current-Sink Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1698 Datasheet(HTML) 2 Page - Kinetic Technologies.

  KTS1698 Datasheet HTML 1Page - Kinetic Technologies. KTS1698 Datasheet HTML 2Page - Kinetic Technologies. KTS1698 Datasheet HTML 3Page - Kinetic Technologies. KTS1698 Datasheet HTML 4Page - Kinetic Technologies. KTS1698 Datasheet HTML 5Page - Kinetic Technologies. KTS1698 Datasheet HTML 6Page - Kinetic Technologies. KTS1698 Datasheet HTML 7Page - Kinetic Technologies. KTS1698 Datasheet HTML 8Page - Kinetic Technologies. KTS1698 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
KTS1698
July 2022 – Revision 04a
Page 2 of 17
Kinetic Technologies Confidential
Ordering Information
Part Number
Marking1
Enable
Polarity
Operating
Temperature
Package
KTS1698AEDAB-TA
REXXYYZZZZ
EN
̅̅̅̅
-40°C to +85°C
WLCSP-15
KTS1698BEDAB-TA
__XXYYZZZZ
EN
-40°C to +85°C
WLCSP-15
Pinout Diagram
WLCSP-15
15-bump 2.62mm x 1.64mm x 0.62mm
WLCSP Package, 0.5mm pitch
Top Mark: WW = Device ID, XX = Date Code, YY = Assembly Code, ZZZZ = Serial Number
Pin Descriptions
Pin #
Name
Function
A1, A2, A3, A4
OUT
Power Switch Output
– connect to battery charger IC input (or Vsys in systems without
rechargeable batteries).
A5, B2, B3,
B4, B5
IN
Power Switch Input
– connect to power input port (VBUS on USB port).
B1
ACOK
̅̅̅̅̅̅̅
Power Good Flag
– active-low, open-drain logic output. Connect to GND or leave
floating if unused.
C1
EN
̅̅̅̅
Enable
̅̅̅̅̅̅̅̅̅̅ – active-low logic input (KTS1698A)
EN
Enable
– active-high logic input (KTS1698B)
C2
OVLO
External OVLO Adjustment
– connect to GND to use the internally fixed OVLO
threshold. Connect an external resistive voltage divider from IN to OVLO to GND to set
an adjustable the OVLO threshold.
C3, C4, C5
GND
Ground
1.
“RE” is the device ID, “XX” is the date code, “YY is the assembly code, and “ZZZZ” is the serial number.
WW
XXYY
ZZZZ
A
B
C
TOP VIEW
TOP VIEW
IN
OUT
OUT
IN
IN
OUT
IN
IN
OUT
5
1
2
3
4
GND
GND
GND
OVLO
EN or
EN
ACOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com