Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTS1698 Datasheet(PDF) 1 Page - Kinetic Technologies.

Part # KTS1698
Description  5ARMS VBUS Current-Sink Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1698 Datasheet(HTML) 1 Page - Kinetic Technologies.

  KTS1698 Datasheet HTML 1Page - Kinetic Technologies. KTS1698 Datasheet HTML 2Page - Kinetic Technologies. KTS1698 Datasheet HTML 3Page - Kinetic Technologies. KTS1698 Datasheet HTML 4Page - Kinetic Technologies. KTS1698 Datasheet HTML 5Page - Kinetic Technologies. KTS1698 Datasheet HTML 6Page - Kinetic Technologies. KTS1698 Datasheet HTML 7Page - Kinetic Technologies. KTS1698 Datasheet HTML 8Page - Kinetic Technologies. KTS1698 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
KTS1698
July 2022 – Revision 04a
Page 1 of 17
Kinetic Technologies Confidential
5ARMS VBUS Current-Sink Protection Load Switch
Features
• 3V to 23V Operating Voltage Range
• 29V Abs. Max. Rating at IN and OUT
• 5A Continuous Current Rating
 10A Pulse Current Rating (duration Pd limited)
• 25m typ. On-Resistance from IN to OUT
• Soft-Start (SS) Limits Inrush Current
• Over-Voltage Protection (OVP) at IN
 23V Internally Fixed
 4V to 23V External Resistor Programmable
• “Ideal Diode” Reverse Current Protection (RCP)
 20mV Forward Voltage and 15µs Fast Recovery
• Over-Current Protection (OCP) at OUT
• Short-Circuit Protection (SCP) at OUT
• Over-Temperature Protection (OTP)
• Transient Voltage Suppression (TVS) at IN
 ±90V Surge Protection (IEC61000-4-5)
 ±8kV ESD Contact Discharge (IEC61000-4-2)
 ±15kV ESD Air Gap Discharge (IEC61000-4-2)
• EN or EN
̅̅̅̅ Enable Logic Input Versions
• ACOK
̅̅̅̅̅̅̅̅̅ Open-Drain Power Good Flag
• -40°C to 85°C Operating Temperature Range
• 15-bump WLCSP 2.62 x 1.64mm (0.5mm pitch)
Brief Description
KTS1698 is a low-resistance, high-current load switch
with soft-start, over-voltage protection, reverse-current
blocking,
over-current
protection,
short-circuit
protection, over-temperature protection, and integrated
TVS. It is optimized to protect systems with USB Type-
C PD ports and barrel connectors that sink up to 100W
at 20V and must withstand up to 29V on VBUS.
Automatic reverse-current blocking acts as an
“ideal
diode
” and isolates VBUS when charging or powering
the system via another port.
Soft-start limits inrush
current when turning on with large capacitors at the
output.
The integrated TVS provides IEC industry
standard ESD and
±90V surge ratings. An ACOK
̅̅̅̅̅̅̅̅̅ flag
indicates when power is good.
KTS1698
is packaged in advanced, fully “green”
compliant, 2.62 x 1.64mm, 15-bump Wafer-Level Chip-
Scale Package (WLCSP).
Applications
•Desktop, Notebooks, Netbooks, Ultra-Books, Tablets
•Docking Stations, Monitors, Accessories
Typical Application


Similar Part No. - KTS1698

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTS1690A KINETIC-KTS1690A Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
KTS1690AEGAA-TA KINETIC-KTS1690AEGAA-TA Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
KTS1693 KINETIC-KTS1693 Datasheet
1Mb / 16P
Surge Protected Load Switch with OVP and OCP
September 2021 - Revision 04d
KTS1693-1 KINETIC-KTS1693-1 Datasheet
1Mb / 16P
Surge Protected Load Switch with OVP and OCP
September 2021 - Revision 04d
KTS1693EVB-1-TR KINETIC-KTS1693EVB-1-TR Datasheet
1Mb / 16P
Surge Protected Load Switch with OVP and OCP
September 2021 - Revision 04d
More results

Similar Description - KTS1698

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Shenzhen Guan Hua Wei Y...
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
Load switch. Battery protection.
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
Battery protection, Load switch
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
Battery protection Load switch
WSD1614DN WIINSOK-WSD1614DN Datasheet
1Mb / 6P
Battery protection Load switch
WSD14N10DN WIINSOK-WSD14N10DN Datasheet
2Mb / 5P
Battery protection Load switch
logo
Kinetic Technologies.
KTS1690A KINETIC-KTS1690A Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
KTS1696A KINETIC-KTS1696A Datasheet
2Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
November 2021 - Revision 04b
KTS1697A KINETIC-KTS1697A Datasheet
1Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
January 2022 - Revision 04a
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com