Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8714GED/RV Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8714GED/RV
Description  24-bit, 96kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8714GED/RV Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8714GED/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
WM8714
Production Data
w
PD Rev 4.0 November 2004
6
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply range
VDD
2.7
5.5
V
Ground
GND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Supply current
VDD = 5V
15
25
mA
Supply current
VDD = 3.3V
12
mA
ELECTRICAL CHARACTERISTICS
Test Conditions
VDD = 5V, GND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 2mA
AGND + 0.3V
V
Output HIGH
VOH
IOH = 2mA
AVDD - 0.3V
V
Analogue Reference Levels
Reference voltage (CAP)
VDD/2 -
50mV
VDD/2
VDD/2 +
50mV
V
Potential divider resistance
RVMID
VDD to CAP and CAP
to GND
80k
100k
120k
Ω
DAC Output (Load = 10k ohms. 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.1 x
VDD/5
Vrms
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
90
95
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
93
dB
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
AVDD, DVDD = 3.3V
97
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
AVDD, DVDD = 3.3V
95
dB
SNR (Note 1,2,3)
Non A-weighted @ fs =
48kHz
92
dB
THD (Note 3)
1kHz, 0dBFs
-90
-74
dB
Dynamic Range (Note 2)
1kHz, THD+N @
-60dBFs
90
95
dB
DAC channel separation
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com