Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8714GED/RV Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8714GED/RV
Description  24-bit, 96kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8714GED/RV Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8714GED/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
WM8714
Production Data
w
PD Rev 4.0 November 2004
11
RIGHT JUSTIFIED MODE
The WM8714 supports word lengths of 16-bits in right justified mode.
In right justified mode, the digital audio interface receives data on the DIN input. Audio Data is
time multiplexed with LRCIN indicating whether the left or right channel is present. LRCIN is also
used as a timing reference to indicate the beginning or end of the data words.
In right justified mode, the minimum number of BCKINs per LRCIN period is 2 times the selected
word length. LRCIN must be high for a minimum of word length BCKINs and low for a minimum of
word length BCKINs. Any mark to space ratio on LRCIN is acceptable provided the above
requirements are met.
In right justified mode, the LSB is sampled on the rising edge of BCKIN preceding a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
16
3
2
1
14
15
LSB
MSB
16
3
2
1
14
15
LSB
MSB
Figure 4 Right Justified Mode Timing Diagram
AUDIO DATA SAMPLING RATES
The master clock for WM8714 supports audio sampling rates from 256fs and 384fs, where fs is
the audio sampling frequency (LRCIN) typically 32kHz, 44.1kHz, 48kHz, and 96kHz. The master
clock is used to operate the digital filters and the noise shaping circuits.
The WM8714 has a master clock detection circuit that automatically determines the relation
between the master clock frequency and the sampling rate (to within +/- 8 master clocks). If there
is a greater than 8 clocks error, the interface shuts down the DAC and mutes the output. The
master clock should be synchronised with LRCIN, although the WM8714 is tolerant of phase
differences or jitter on this clock.
SAMPLING
RATE
MASTER CLOCK
FREQUENCY (MHZ)
(MCLK)
(LRCIN)
256fs
384fs
32kHz
8.192
12.288
44.1kHz
11.2896
16.9340
48kHz
12.288
18.432
96kHz
24.576
1
36.864
1
Table 1 Master Clock Frequencies Versus Sampling Rate
Notes:
1.
96kHz sample rate at either 256fs or 384fs are only supported with 5V supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com