Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA4580RFVT-E2 Datasheet(PDF) 28 Page - Rohm

Part # BA4580RFVT-E2
Description  Low Noise Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RFVT-E2 Datasheet(HTML) 28 Page - Rohm

Back Button BA4580RFVT-E2 Datasheet HTML 24Page - Rohm BA4580RFVT-E2 Datasheet HTML 25Page - Rohm BA4580RFVT-E2 Datasheet HTML 26Page - Rohm BA4580RFVT-E2 Datasheet HTML 27Page - Rohm BA4580RFVT-E2 Datasheet HTML 28Page - Rohm BA4580RFVT-E2 Datasheet HTML 29Page - Rohm BA4580RFVT-E2 Datasheet HTML 30Page - Rohm BA4580RFVT-E2 Datasheet HTML 31Page - Rohm BA4580RFVT-E2 Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28/40
20.Nov.2014 Rev.003
TSZ22111・15・00
BA4580Rxxx BA4584FV BA4584Rxx
Figure 69. Test Circuit 2 (each Op-Amp)
VH
VL
Input wave
t
Input voltage
VH
VL
Δt
ΔV
Output wave
SR=ΔV/Δt
t
Output voltage
Figure 70. Slew Rate Input Waveform
VCC
VEE
R1
V
R2
R1//R2
VOUT1
=0.5[Vrms]
VIN
VCC
VEE
R1
V
R2
R1//R2
VOUT2
OTHER
CH
CS=20×log
100×VOUT1
VOUT2
Figure 71. Test circuit 3 (Channel Separation)
(VCC=+15V,VEE=-15V, R1=100Ω, R2=10kΩ)
C
90%
10%
OUT1
=0.5Vrms
OUT2
OUT2
OUT1
100
log
20
CS
SW4
●
SW2
SW3
-
+
SW10 SW11 SW12
SW9
SW6
SW7
SW8
CL
SW13
SW5
R1
C
R2
RL
VEE
VCC
VIN-
VIN+
SW14
VOUT
SW1
RS
VRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com