Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA4580RFVT-E2 Datasheet(PDF) 29 Page - Rohm

Part # BA4580RFVT-E2
Description  Low Noise Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RFVT-E2 Datasheet(HTML) 29 Page - Rohm

Back Button BA4580RFVT-E2 Datasheet HTML 25Page - Rohm BA4580RFVT-E2 Datasheet HTML 26Page - Rohm BA4580RFVT-E2 Datasheet HTML 27Page - Rohm BA4580RFVT-E2 Datasheet HTML 28Page - Rohm BA4580RFVT-E2 Datasheet HTML 29Page - Rohm BA4580RFVT-E2 Datasheet HTML 30Page - Rohm BA4580RFVT-E2 Datasheet HTML 31Page - Rohm BA4580RFVT-E2 Datasheet HTML 32Page - Rohm BA4580RFVT-E2 Datasheet HTML 33Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
29/40
20.Nov.2014 Rev.003
TSZ22111・15・00
BA4580Rxxx BA4584FV BA4584Rxx
Power Dissipation
Power dissipation(total loss) indicates the power that can be consumed by IC at TA =25℃(normal temperature). IC is
heated when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The
temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable
power is limited. Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and
thermal resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the
maximum value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin
or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θJA℃/W. The temperature of IC inside the package can be estimated by this
thermal resistance. Figure 72. (a) shows the model of thermal resistance of the package. Thermal resistance θJA, ambient
temperature Ta, maximum junction temperature TJMAX, and power dissipation PD can be calculated by the equation below:
θJA = (TJMAX-TA) / PD
℃
/W
Derating curve in Figure 72. (b) indicates power that can be consumed by IC with reference to ambient temperature. Power
that can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate
at certain ambient temperature. This gradient is determined by thermal resistance θJA. Thermal resistance θJA depends on
chip size, power consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of
package is used. Thermal reduction curve indicates a reference value measured at a specified condition. Figure 73. (c),(d)
show a derating curve for an example of BA4580Rxxx, BA4584FV, BA4584Rxx.
(Note 16)
(Note 17)
(Note 18)
(Note 19)
(Note 20)
(Note 21)
Unit
6.2
5.4
5.0
4.8
7.0
4.9
mW/℃
When using the unit above TA=25℃, subtract the value above per degree℃. Permissible dissipation is the value.
Permissible dissipation is the value when FR4 glass epoxy board 70mm ×70mm ×1.6mm (cooper foil area below 3%) is mounted.
Figure 73. Derating Curve
Figure 72. Thermal resistance and derating curve
θJA=(TJmax-TA)/ PD °C/W
Ambient Temperature TA [ °C ]
Chip Surface Temperature TJ [ °C ]
(a) Thermal Resistance
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA4584RFV(Note 20)
BA4584FV(Note 21)
BA4584RF(Note 21)
(c)BA4580Rxxx
(d)BA4584FV/BA4584Rxx
(b) Derating Curve
Ambient Temperature TA [ °C ]
Power Dissipation of LSI [W]
PD(max)
θJA2 < θJA1
θ’JA1
θJA1
TJ’max
0
50
75
100
125
150
25
P1
P2
TJmax
θ’JA2 θ
JA2
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃] .
BA4580RF(Note 16)
BA4580RFVM(Note 19)
BA4580RFVT(Note 18)
BA4580RFJ(Note 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com