Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2ST15300SR1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 2ST15300SR1
Description  Rad-Hard 300 V, 5 A NPN bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST15300SR1 Datasheet(HTML) 6 Page - STMicroelectronics

  2ST15300SR1 Datasheet HTML 1Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 2Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 3Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 4Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 5Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 6Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 7Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 8Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5
Order codes
Table 6. Ordering information
Part number
Agency
specification
Quality
level
Radiation
level
Package Mass
Lead
finish
Marking
Packing
2ST15300SR1
-
Engineer
model
-
SMD.5
1 g
Gold
2ST15300SR1
Strip pack
2ST15300RSRHRG
5201/020
Flight
model
100 krad
520102001R
2ST15300RSRHRGW
Tape and
reel
2ST15300RSRHRT
Solder
dip
520102002R
Strip pack
2ST15300RSRHRTW
Tape and
reel
Contact ST sales office for information about the specific conditions for products in die form.
2ST15300
Order codes
DS13014 - Rev 6
page 6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com