Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2ST15300SR1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2ST15300SR1
Description  Rad-Hard 300 V, 5 A NPN bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST15300SR1 Datasheet(HTML) 2 Page - STMicroelectronics

  2ST15300SR1 Datasheet HTML 1Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 2Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 3Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 4Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 5Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 6Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 7Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 8Page - STMicroelectronics 2ST15300SR1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings (pre-irradiation)
Symbol
Parameter
Value
Unit
VCBO
Collector-base cut-off current (IE = 0)
300
V
VCEO
Collector-emitter voltage (IB = 0)
100
V
VEBO
Emitter-base current (IC = 0)
6
V
IC
Drain current (pulsed)
5
A
PTOT
Total power dissipation at Tcase ≤ 25 °C
40
W
Total power dissipation at Tambient ≤ 25 °C
2.2
Top
Operating temperature range
-65 to 200
°C
Tj
Max. operating junction temperature
200
°C
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case max.
4.38
°C/W
RthJ-a
Thermal resistance junction-ambient max.
80
°C/W
2ST15300
Electrical ratings
DS13014 - Rev 6
page 2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com